Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPR117 Datasheet(PDF) 3 Page - C&D Technologies

Part # HPR117
Description  SERIES DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR117 Datasheet(HTML) 3 Page - C&D Technologies

  HPR117 Datasheet HTML 1Page - C&D Technologies HPR117 Datasheet HTML 2Page - C&D Technologies HPR117 Datasheet HTML 3Page - C&D Technologies HPR117 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HPR1XX REV K 8/01
Page 3
MECHANICAL
Package/Pinout "V" and "W"
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
0.785±0.010"
(19.94±0.25)
14 13
11 10
3
2
1
47
6
5
98
0.525±0.010"
(13.34±0.25)
0.695±0.015"
(17.65±0.38)
0.014±0.002"
(0.36±0.05)
.015±.010"
(.38±.26)
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
0°-
15°
0.125+0.030"
-0.000"
(3.18+0.76)
(
-0.00)
0.785±0.010"
(19.94±0.25)
14 13
11 10
3
2
1
47
6
5
98
0.525±0.010"
(13.34±0.25)
0.695±0.015"
(17.65±0.38)
0.600"
(15.24)
DIP PACKAGE
SMD PACKAGE
END VIEWS
SIDE VIEWS
TOP VIEWS
HPR1XXV
HPR1XXW
PIN#
SINGLES
DUALS
1
+VIN
+VIN
2
-VIN
-VIN
3NC
NC
4NC
NC
5
-VOUT
-VOUT
6
NC
Common
7
+VOUT
+VOUT
8NC
NC
9NC
NC
10
NC
NC
11
NC
NC
13
NC
NC
14
NC
NC
PIN CONNECTIONS
NOTES:
NC = Do Not Connect.
Duplicate pin functions are internally connected.
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
50
100
150
200
250
TIME (seconds)
235 °C MAX
220
190
30 sec MAX
(>220°C)
90 sec MAX
(>190°C)
0.730"
(18.54)
0.650"
(16.51)
0.100"
(2.54)
0.080"
(2.03)
0.040"
(1.02)
14 13
11 10
3
2
14
7
6
5
98
RECOMMENDED REFLOW PROFILE
RECOMMENDED LAND PATTERN
MECHANICAL
"SIP" Package/Pinout
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: ± 0.015"
*Common pin not present on single output models.
PIN CONNECTIONS
1. +VIN
2. -VIN
4. -VOUT 5. COM
*
6. +VOUT
FRONT
VIEW
RIGHT
SIDE
VIEW
BOTTOM
VIEW
0.77 +0.010”
(19.56 +0.25)
0.02 +0.002”
(0.51 +0.05)
0.18 +0.015”
(4.57 +0.38)
0.140”
(3.56)
MIN
1
2
4
*5
6
0.400 +0.010”
(10.16 +0.25)
0.240 +0.010”
(6.09 +0.25)
0.020 +0.010”
(0.51 +0.25)
0.01 +0.002”
(0.25 +0.05)
0.035 +0.015”
(0.89 +0.38)


Similar Part No. - HPR117

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR117 CANDD-HPR117 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117 CANDD-HPR117 Datasheet
352Kb / 4P
   MINIATURE SIP, DIP AND SMD PACKAGES
logo
Murata Power Solutions ...
HPR117C MURATA-PS-HPR117C Datasheet
142Kb / 4P
   0.75 Watt Single Output DC/DC Converters
HPR117C MURATA-PS-HPR117C Datasheet
602Kb / 4P
   0.75 Watt Single Output DC/DC Converters
2021
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
More results

Similar Description - HPR117

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com