Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM8235TRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFHM8235TRPBF
Description  Control MOSFET for synchronous buck converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8235TRPBF Datasheet(HTML) 9 Page - International Rectifier

  IRFHM8235TRPBF Datasheet HTML 1Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 2Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 3Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 4Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 5Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 6Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 7Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 8Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
 
IRFHM8235PbF
9
www.irf.com
© 2013 International Rectifier
August 21, 2013
Qualification Information 
Qualification Level
Moisture Sensitivity Level
PQFN 3.3mm x 3.3mm
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Yes
Consumer††
(per JEDEC JESD47F guidelines)
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
camber
Note:
1. Dimensionmeasuredonthebottomof thecavity.
2. Pitchtoleranceover any10pitches=±0.008[0.2]
3. ESDRequirement: 0±200volts
4. SurfaceResistivity=10 to10 ohmsper squareinch
5. Roll shouldcontainsplice-freematerial
6.
EngraveRESYsymbol every100sprockets
(about 15.75[400]
( conformsupplier specification)
PS
Thecamber shall not exceedin1mm/250
PQFN 3.3mm x 3.3mm Outline Tape and Reel
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.21mH, RG = 50, IAS = 20A.
Pulse width
 400µs; duty cycle  2%.
Ris measured at TJ of approximately 90°C.
When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material. Please refer to AN-994
for more details: http://www.irf.com/technical-info/appnotes/an-994.pdf
Calculated continuous current based on maximum allowable junction temperature.
Current is limited to 25A by source bonding technology.
Pulse drain current is limited to 100A by source bonding technology.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRFHM8235TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8235PBF IRF-IRFHM8235PBF Datasheet
753Kb / 10P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFHM8235PBF IRF-IRFHM8235PBF_15 Datasheet
753Kb / 10P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM8235TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8303PBF IRF-IRFH8303PBF Datasheet
513Kb / 8P
   Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
IRFHM4231PBF INFINEON-IRFHM4231PBF Datasheet
522Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
IRFHM4234TRPBF INFINEON-IRFHM4234TRPBF Datasheet
515Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
IRFHM8342TRPBF INFINEON-IRFHM8342TRPBF Datasheet
586Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFHM4234TRPBF IRF-IRFHM4234TRPBF Datasheet
288Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM4234PBF IRF-IRFHM4234PBF Datasheet
288Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM8342PBF IRF-IRFHM8342PBF Datasheet
364Kb / 9P
   Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFH8303PBF INFINEON-IRFH8303PBF Datasheet
582Kb / 10P
   Control MOSFET for synchronous buck converter
2017-01-24
logo
International Rectifier
IRFHM8228PBF IRF-IRFHM8228PBF Datasheet
368Kb / 9P
   Control or synchronous MOSFET for synchronous buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com