Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5304PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH5304PBF
Description  Control MOSFET for buck converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5304PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH5304PBF Datasheet HTML 1Page - International Rectifier IRFH5304PBF Datasheet HTML 2Page - International Rectifier IRFH5304PBF Datasheet HTML 3Page - International Rectifier IRFH5304PBF Datasheet HTML 4Page - International Rectifier IRFH5304PBF Datasheet HTML 5Page - International Rectifier IRFH5304PBF Datasheet HTML 6Page - International Rectifier IRFH5304PBF Datasheet HTML 7Page - International Rectifier IRFH5304PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFH5304PbF
2
www.irf.com
S
D
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
2.7
RθJC (Top)
Junction-to-Case
f
–––
15
°C/W
RθJA
Junction-to-Ambient
g
–––
35
RθJA (<10s)
Junction-to-Ambient
g
–––
22
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.8
4.5
–––
5.8
6.8
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-6.6
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
5.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
88
–––
–––
S
Qg
Total Gate Charge
–––
41
–––
nC
Qg
Total Gate Charge
–––
16
24
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.7
–––
Qgd
Gate-to-Drain Charge
–––
5.8
–––
Qgodr
Gate Charge Overdrive
–––
3.9
–––
See Fig.17 & 18
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.5
–––
Qoss
Output Charge
–––
9.8
–––
nC
RG
Gate Resistance
–––
1.2
–––
Ω
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
25
–––
td(off)
Turn-Off Delay Time
–––
12
–––
tf
Fall Time
–––
6.6
–––
Ciss
Input Capacitance
–––
2360
–––
Coss
Output Capacitance
–––
510
–––
Crss
Reverse Transfer Capacitance
–––
220
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy d
mJ
IAR
Avalanche Current ™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
0.71
–––
V
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
19
29
ns
Qrr
Reverse Recovery Charge
–––
44
66
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 50μA
A
79
–––
–––
320
–––
–––
nA
ns
pF
nC
Conditions
See Fig.15
Max.
46
47
ƒ = 1.0MHz
VDS = 15V
–––
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 47A e
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
ID = 47A
VGS = 0V
VDS = 10V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VGS = 10V, VDS = 15V, ID = 49A
TJ = 25°C, IF = 47A, VDD = 15V
di/dt = 300A/μs
TJ = 25°C, IS = 5A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 47A, VGS = 0V e
VGS = 4.5V, ID = 47A e
VGS = 4.5V
Typ.
–––
RG=1.8Ω
VDS = 15V, ID = 47A
VDS = 24V, VGS = 0V, TJ = 125°C
m
Ω
μA
ID = 47A


Similar Part No. - IRFH5304PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5304PBF IRF-IRFH5304PBF Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
logo
International Rectifier
IRFH5304PBF IRF-IRFH5304PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
More results

Similar Description - IRFH5304PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM831TRPBF IRF-IRFHM831TRPBF Datasheet
262Kb / 8P
   Control MOSFET for Buck Converters
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
IRFHM831PBF INFINEON-IRFHM831PBF Datasheet
480Kb / 10P
   Control MOSFET for Buck Converters
2016-2-26
logo
International Rectifier
IRFH5306TRPBF IRF-IRFH5306TRPBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304TRPBF IRF-IRFH5304TRPBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
IRFH5306PBF IRF-IRFH5306PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH8330PBF IRF-IRFH8330PBF Datasheet
318Kb / 9P
   Control MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com