Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P580-C41-PM Datasheet(PDF) 8 Page - Vincotech

Part # V23990-P580-C41-PM
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P580-C41-PM Datasheet(HTML) 8 Page - Vincotech

Back Button V23990-P580-C41-PM Datasheet HTML 4Page - Vincotech V23990-P580-C41-PM Datasheet HTML 5Page - Vincotech V23990-P580-C41-PM Datasheet HTML 6Page - Vincotech V23990-P580-C41-PM Datasheet HTML 7Page - Vincotech V23990-P580-C41-PM Datasheet HTML 8Page - Vincotech V23990-P580-C41-PM Datasheet HTML 9Page - Vincotech V23990-P580-C41-PM Datasheet HTML 10Page - Vincotech V23990-P580-C41-PM Datasheet HTML 11Page - Vincotech V23990-P580-C41-PM Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
V23990-P580-*4*-PM
Figure 13
Output inverter FWD
Figure 14
Output inverter FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Qrr = f(IC)
Qrr = f(Rgon)
At
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
35
A
Rgon =
16
VGE =
±15
V
Figure 15
Output inverter FWD
Figure 16
Output inverter FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
IRRM = f(IC)
IRRM = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
35
A
Rgon =
16
VGE =
±15
V
Output Inverter
Tj = Tjmax - 25°C
IRRM
Tj = 25°C
IRRM
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
R gon ( Ω
Ω )
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0
1,2
2,4
3,6
4,8
6
7,2
8,4
0
10
20
30
40
50
60
70
R g on ( Ω)
Tj = Tjmax -25°C
IRRM
Tj = 25°C
IRRM
0
20
40
60
80
100
0
10
20
30
40
50
60
70
I C (A)
Qrr
Tj = Tjmax -25°C
Qrr
Tj = 25°C
0
2
4
6
8
10
0
10
20
30
40
50
60
70
I C (A)
25/150
25/150
25/150
25/150
copyright Vincotech
8
Revision: 2


Similar Part No. - V23990-P580-C41-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P580-C-PM VINCOTECH-V23990-P580-C-PM Datasheet
202Kb / 4P
   Standard Power Integrated Module
More results

Similar Description - V23990-P580-C41-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com