Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P545-C39-PM Datasheet(PDF) 1 Page - Vincotech

Part # V23990-P545-C39-PM
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P545-C39-PM Datasheet(HTML) 1 Page - Vincotech

  V23990-P545-C39-PM Datasheet HTML 1Page - Vincotech V23990-P545-C39-PM Datasheet HTML 2Page - Vincotech V23990-P545-C39-PM Datasheet HTML 3Page - Vincotech V23990-P545-C39-PM Datasheet HTML 4Page - Vincotech V23990-P545-C39-PM Datasheet HTML 5Page - Vincotech V23990-P545-C39-PM Datasheet HTML 6Page - Vincotech V23990-P545-C39-PM Datasheet HTML 7Page - Vincotech V23990-P545-C39-PM Datasheet HTML 8Page - Vincotech V23990-P545-C39-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
V23990-P545-*3*-PM
flowPIM 0
600V/20A
● Vincotech clip-in housing
● Trench Fieldstop IGBT's for low saturation losses
● Optional w/o BRC
● Industrial drives
● Embedded drives
● V23990-P545-A38-PM
● V23990-P545-A39-PM
● V23990-P545-C38-PM
● V23990-P545-C39-PM
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
1600
V
Th=80°C
33
Tc=80°C
46
Th=80°C
37
Tc=80°C
59
Maximum Junction Temperature
Tjmax
150
°C
Inverter Transistor
Th=80°C
23
Tc=80°C
30
Th=80°C
47
Tc=80°C
72
tSC
Tj≤150°C
6
µs
VCC
VGE=15V
360
V
60
60
±20
W
Types
I2t-value
Maximum Ratings
IFAV
A2s
IFSM
Condition
Input Rectifier Diode
A
250
A
tp=10ms
Tj=25°C
310
Ptot
I2t
Tj=Tjmax
50Hz half sine wave
Features
flowPIM 0 housing
Schematic
DC forward current
Tj=Tjmax
Target Applications
Surge forward current
Power dissipation per Diode
DC collector current
Power dissipation per IGBT
Maximum Junction Temperature
Short circuit ratings
Gate-emitter peak voltage
Repetitive peak collector current
Turn off safe operating area
Collector-emitter break down voltage
Tj=Tjmax
VCE ≤ 600V, Tj ≤ Top max
tp limited by Tjmax
VCE
A
V
A
600
W
VGE
ICpulse
Tjmax
Ptot
IC
Tj=Tjmax
A
V
°C
175
17mm housing
12mm housing
copyright Vincotech
1
Revision: 4


Similar Part No. - V23990-P545-C39-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P545-C28-PMw/oBRC VINCOTECH-V23990-P545-C28-PMw/oBRC Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-C29-PMw/oBRC VINCOTECH-V23990-P545-C29-PMw/oBRC Datasheet
880Kb / 23P
   Industrial drives Embedded drives
More results

Similar Description - V23990-P545-C39-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com