Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P544-A39-PM Datasheet(PDF) 11 Page - Vincotech

Part # V23990-P544-A39-PM
Description  Industrial drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P544-A39-PM Datasheet(HTML) 11 Page - Vincotech

Back Button V23990-P544-A39-PM Datasheet HTML 7Page - Vincotech V23990-P544-A39-PM Datasheet HTML 8Page - Vincotech V23990-P544-A39-PM Datasheet HTML 9Page - Vincotech V23990-P544-A39-PM Datasheet HTML 10Page - Vincotech V23990-P544-A39-PM Datasheet HTML 11Page - Vincotech V23990-P544-A39-PM Datasheet HTML 12Page - Vincotech V23990-P544-A39-PM Datasheet HTML 13Page - Vincotech V23990-P544-A39-PM Datasheet HTML 14Page - Vincotech V23990-P544-A39-PM Datasheet HTML 15Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
V23990-P544-*3*-PM
Figure 25
Output inverter IGBT
Figure 26
Output inverter IGBT
Safe operating area as a function
Gate voltage vs Gate charge
of collector-emitter voltage
IC = f(VCE)
VGE = f(QGE)
At
At
D =
single pulse
IC =
15
A
Th =
80
ºC
VGE =
15
V
Tj =
Tjmax
ºC
Figure 27
Output inverter IGBT
Figure 28
Output inverter IGBT
Short circuit withstand time as a function of
Typical short circuit collector current as a function of
gate-emitter voltage
gate-emitter voltage
tsc = f(VGE)
VGE = f(QGE)
At
At
VCE =
600
V
VCE
600
V
Tj
175
ºC
Tj =
175
ºC
Output Inverter
V CE (V)
10
3
10
0
10
-1
10
1
10
2
10
1
10
2
10uS
100uS
1mS
10mS
100mS
DC
10
0
10
3
0
2
4
6
8
10
12
14
16
18
0
20
40
60
80
100
120
Q g (nC)
120V
480V
0
2
4
6
8
10
12
14
10
11
12
13
14
15
V GE (V)
0
50
100
150
200
250
12
14
16
18
20
V GE (V)
copyright Vincotech
11
Revision: 4


Similar Part No. - V23990-P544-A39-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P544-A28-PM VINCOTECH-V23990-P544-A28-PM Datasheet
920Kb / 23P
   Industrial drives Embedded drives
V23990-P544-A29-PM VINCOTECH-V23990-P544-A29-PM Datasheet
920Kb / 23P
   Industrial drives Embedded drives
More results

Similar Description - V23990-P544-A39-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X4X-D2-14 VINCOTECH-V23990-P588-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives mbedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com