Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P543-A29-PM Datasheet(PDF) 9 Page - Vincotech

Part # V23990-P543-A29-PM
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P543-A29-PM Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-P543-A29-PM Datasheet HTML 5Page - Vincotech V23990-P543-A29-PM Datasheet HTML 6Page - Vincotech V23990-P543-A29-PM Datasheet HTML 7Page - Vincotech V23990-P543-A29-PM Datasheet HTML 8Page - Vincotech V23990-P543-A29-PM Datasheet HTML 9Page - Vincotech V23990-P543-A29-PM Datasheet HTML 10Page - Vincotech V23990-P543-A29-PM Datasheet HTML 11Page - Vincotech V23990-P543-A29-PM Datasheet HTML 12Page - Vincotech V23990-P543-A29-PM Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
V23990-P543-*2*-PM
Figure 17
Output inverter FWD
Figure 18
Output inverter FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VR =
300
V
VGE =
15
V
IF =
10
A
Rgon =
32
VGE =
15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
2,41
K/W
RthJH =
3,33
K/W
IGBT thermal model values
FWD thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,06
5,2E+00
0,05
4,2E+00
0,07
8,2E+00
0,05
6,6E+00
0,26
5,0E-01
0,21
4,1E-01
0,31
5,2E-01
0,25
4,3E-01
0,97
1,0E-01
0,78
8,1E-02
1,25
9,3E-02
1,01
7,6E-02
0,52
1,9E-02
0,42
1,5E-02
0,78
2,0E-02
0,63
1,6E-02
0,35
3,4E-03
0,28
2,8E-03
0,54
3,2E-03
0,43
2,6E-03
0,26
3,5E-04
0,21
2,8E-04
0,40
4,1E-04
0,33
3,3E-04
Thermal grease
Phase change interface
Thermal grease
Phase change interface
Output Inverter
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dIrec/dt
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
300
R gon ( Ω
Ω )
dI0/dt
0
200
400
600
800
1000
1200
0
5
10
15
20
I C (A)
dIrec/dt
dI0/dt
25/125
25/125
copyright Vincotech
9
Revision: 4


Similar Part No. - V23990-P543-A29-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-A38-PM VINCOTECH-V23990-P543-A38-PM Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P543-A39-PM VINCOTECH-V23990-P543-A39-PM Datasheet
788Kb / 23P
   Industrial drives Embedded drives
More results

Similar Description - V23990-P543-A29-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com