Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P543-X2X-D4-14 Datasheet(PDF) 3 Page - Vincotech

Part # V23990-P543-X2X-D4-14
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P543-X2X-D4-14 Datasheet(HTML) 3 Page - Vincotech

  V23990-P543-X2X-D4-14 Datasheet HTML 1Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 2Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 3Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 4Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 5Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 6Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 7Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 8Page - Vincotech V23990-P543-X2X-D4-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
V23990-P543-*2*-PM
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
0,8
1,26
1,45
Tj=125°C
1,24
Tj=25°C
0,92
Tj=125°C
0,82
Tj=25°C
11
Tj=125°C
14
Tj=25°C
Tj=145°C
1,1
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50µm
λ
= 1 W/mK
2,10
K/W
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1
1,59
2,2
Tj=150°C
1,78
Tj=25°C
0,08
Tj=150°C
Tj=25°C
350
Tj=150°C
Tj=25°C
15
Tj=150°C
14
Tj=25°C
11
Tj=150°C
14
Tj=25°C
155
Tj=150°C
170
Tj=25°C
89
Tj=150°C
98
Tj=25°C
0,16
Tj=150°C
0,22
Tj=25°C
0,24
Tj=150°C
0,29
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50µm
λ
= 1 W/mK
2,41
K/W
Tj=25°C
1
1,61
2,25
Tj=150°C
1,51
Tj=25°C
10
Tj=150°C
11
Tj=25°C
142
Tj=150°C
219
Tj=25°C
0,46
Tj=150°C
0,80
di(rec)max
Tj=25°C
703
/dt
Tj=150°C
397
Tj=25°C
0,09
Tj=150°C
0,17
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50µm
λ
= 1 W/mK
3,33
K/W
62
551
Tj=25°C
17
40
none
V
10
±15
0
tr
td(off)
VCE=VGE
Erec
QGate
Coss
Crss
Qrr
trr
IGES
tf
Eon
Eoff
td(on)
IRRM
VF
VGE(th)
VCE(sat)
ICES
Rgint
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Integrated Gate resistor
Inverter Transistor
Gate emitter threshold voltage
Value
Conditions
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
VF
Vto
rt
Input Rectifier Diode
V
V
m
mA
30
30
30
Reverse current
Ir
µC
f=1MHz
Rgon=32
0
20
15
Rgoff=16
±15
10
10
±15
Turn-on energy loss per pulse
Reverse recovered charge
Inverter Diode
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Cies
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Collector-emitter cut-off current incl. Diode
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Collector-emitter saturation voltage
600
25
0
480
10
10
0,00015
300
300
1500
Rgon=32
mWs
V
A
nC
nA
V
mA
mWs
ns
pF
ns
A/µs
Tj=25°C
copyright Vincotech
3
Revision: 4


Similar Part No. - V23990-P543-X2X-D4-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X2X-D3-19 VINCOTECH-V23990-P543-X2X-D3-19 Datasheet
53Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-P543-X2X-D4-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com