Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26S680 Datasheet(PDF) 1 Page - C&D Technologies

Part # 26S680
Description  Bobbin Wound Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

26S680 Datasheet(HTML) 1 Page - C&D Technologies

  26S680 Datasheet HTML 1Page - C&D Technologies 26S680 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE (UNSHIELDED TYPES)1
FEATURES
s
Bobbin Format
s
Up to 4.6A IDC
s
3.3µH to 680µH
s
Optional Integral EMI Shield
s
Low DC Resistance
s
Surface Mounting
s
Compact Size
s
Tape and Reel Packaging
DESCRIPTION
The 2600 series is a range of bobbin wound
surface mount inductors designed for use in
switching power supply and power line filter
circuits. The parts are suitable for any
application requiring a high saturation
current in a miniature surface mount footprint.
Where EMI is a critical factor the devices are
available with an integral ferrite EMI shield.
1 Specifications typical at TA =25°C
2 The maximum DC current is the value at which the inductance falls to 80% of its nominal value or until its
temperature rise reaches 40°C, whichever is sooner.
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–40°C to 125°C
ABSOLUTE MAXIMUM RATINGS
Nominal Self
Nominal
Inductance
DC
DC Current
Resonant
Inductance
Range
Resistance Continuous2
Frequency
Mechanical
µH
µH
A
MHz
Dimensions
Order Code 1Hz, 100mV 1Hz, 100mV
MAX
MAX
100mVrms
263R3
3.3
2.13–3.95
0.035
4.40
53.0
264R7
4.7
3.41–6.34
0.045
3.60
37.0
266R8
6.8
5.00–9.28
0.054
3.10
31.0
26100
10
8.00–12.0
0.060
2.60
24.8
26120
12
7.95–14.8
0.068
2.42
24.0
26150
15
12.0–18.0
0.090
2.27
20.2
26180
18
12.9–24.0
0.087
2.10
19.0
26220
22
17.6–26.4
0.100
1.95
16.9
1
26330
33
26.4–39.6
0.120
1.50
12.8
26470
47
42.3–51.7
0.170
1.28
10.2
26680
68
61.2–74.8
0.220
1.11
8.37
26101
100
90.0–110
0.350
0.97
6.56
26151
150
135–165
0.470
0.78
5.20
26221
220
198–242
0.730
0.66
4.00
26331
330
297–363
1.150
0.52
3.14
26471
470
423–517
1.480
0.42
2.54
26681
680
612–748
2.250
0.28
1.97
SELECTION GUIDE (EMI SHIELDED TYPES)1
Nominal Self
Nominal
Inductance
DC
DC Current
Resonant
Inductance
Range
Resistance Continuous2
Frequency
Mechanical
µH
µH
A
MHz
Dimensions
Order Code 1Hz, 100mV 1Hz, 100mV
MAX
MAX
100mVrms
26S3R3
3.3
2.69–5.46
0.033
4.60
46.0
26S4R7
4.7
3.58–7.15
0.038
3.80
38.0
26S6R8
6.8
4.60–8.97
0.043
3.21
30.0
26S100
10
8.00–12.0
0.050
2.65
22.9
26S120
12
8.42–15.9
0.058
2.55
21.0
26S150
15
12.0–18.0
0.060
2.45
19.7
26S180
18
13.4–25.6
0.074
2.32
16.0
26S220
22
18.7–26.4
0.070
2.20
15.5
2
26S330
33
28.1–39.6
0.100
1.80
11.5
26S470
47
40.0–56.4
0.120
1.50
9.44
26S680
68
57.8–81.6
0.170
1.26
7.47
26S101
100
85.0–120
0.250
1.05
6.04
26S151
150
128–180
0.400
0.85
4.67
26S221
220
187–264
0.520
0.70
3.75
26S331
330
281–396
0.800
0.57
2.87
26S471
470
400–564
1.200
0.48
2.33
26S681
680
578–816
1.780
0.40
1.83
2600 SERIES
Bobbin Wound Surface Mount Inductors
www.dc-dc.com


Similar Part No. - 26S680

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
26S680C MURATA-26S680C Datasheet
156Kb / 4P
   Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
26S680C MURATA-PS-26S680C Datasheet
153Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 26S680

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2400 CANDD-2400 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
   Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2300 CANDD-2300 Datasheet
51Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
   Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com