Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P541-X3X-D4-14 Datasheet(PDF) 6 Page - Vincotech

Part # V23990-P541-X3X-D4-14
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P541-X3X-D4-14 Datasheet(HTML) 6 Page - Vincotech

Back Button V23990-P541-X3X-D4-14 Datasheet HTML 2Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 3Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 4Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 5Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 6Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 7Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 8Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 9Page - Vincotech V23990-P541-X3X-D4-14 Datasheet HTML 10Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
V23990-P541-*3*-PM
Figure 5
Output inverter IGBT
Figure 6
Output inverter IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VCE =
300
V
VGE =
15
V
VGE =
15
V
Rgon =
32
IC =
6
A
Rgoff =
16
Figure 7
Output inverter FWD
Figure 8
Output inverter FWD
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(IC)
Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VCE =
300
V
VGE =
15
V
VGE =
15
V
Rgon =
32
IC =
6
A
Output Inverter
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0
2
4
6
8
10
12
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0,0
0,1
0,2
0,3
0,4
0
50
100
150
200
250
300
R G ( Ω )
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0,00
0,03
0,06
0,09
0,12
0,15
0
2
4
6
8
10
12
I C (A)
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0,00
0,02
0,04
0,06
0,08
0,10
0,12
0
50
100
150
200
250
300
R G ( Ω )
25/125
25/125
25/125
25/125
copyright Vincotech
6
Revision: 4


Similar Part No. - V23990-P541-X3X-D4-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-P541-X3X-D4-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com