Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24S150 Datasheet(PDF) 1 Page - C&D Technologies

Part # 24S150
Description  Bobbin Wound Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

24S150 Datasheet(HTML) 1 Page - C&D Technologies

  24S150 Datasheet HTML 1Page - C&D Technologies 24S150 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE (UNSHIELDED TYPES)1
FEATURES
s
Bobbin Format
s
Up to 3.1A IDC
s
2.7µH to 220µH
s
Optional Integral EMI Shield
s
Low DC Resistance
s
Surface Mounting
s
Compact Size
s
Tape and Reel Packaging
DESCRIPTION
The 2400 series is a range of bobbin wound
surface mount inductors designed for use in
switching power supply and power line filter
circuits. The parts are suitable for any
application requiring a high saturation
current in a miniature surface mount footprint.
Where EMI is a critical factor the devices are
available with an integral ferrite EMI shield.
1 Specifications typical at TA =25°C
2 The maximum DC current is the value at which the inductance falls to 80% of its nominal value or until its
temperature rise reaches 40°C, whichever is sooner.
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–40°C to 125°C
ABSOLUTE MAXIMUM RATINGS
Nominal Self
Nominal
Inductance
DC
DC Current
Resonant
Inductance
Range
Resistance Continuous2
Frequency
Mechanical
µH
µH
A
MHz
Dimensions
Order Code 1Hz, 100mV 1Hz, 100mV
MAX
MAX
100mVrms
242R7
2.7
2.04–3.78
0.039
2.60
57.0
243R3
3.3
2.44– 4.54
0.042
2.40
53.0
244R7
4.7
3.37– 6.25
0.050
2.10
45.0
246R8
6.8
5.03–9.34
0.061
1.75
37.0
24100
10
8.00–12.0
0.100
1.44
27.8
24120
12
8.54–15.9
0.100
1.36
26.0
24150
15
12.0–18.0
0.140
1.30
22.0
24180
18
13.0–24.1
0.196
1.26
20.0
1
24220
22
17.6–26.4
0.180
1.11
16.5
24330
33
28.1–34.7
0.230
0.88
13.1
24470
47
40.8–54.1
0.370
0.72
10.9
24680
68
61.2–74.8
0.460
0.61
9.83
24101
100
90.0 –110
0.700
0.52
7.03
24151
150
135–165
1.100
0.40
5.13
24221
220
198–242
1.570
0.35
4.24
SELECTION GUIDE (EMI SHIELDED TYPES)1
Nominal Self
Nominal
Inductance
DC
DC Current
Resonant
Inductance
Range
Resistance Continuous2
Frequency
Mechanical
µH
µH
A
MHz
Dimensions
Order Code 1Hz, 100mV 1Hz, 100mV
MAX
MAX
100mVrms
24S2R7
2.7
1.78–3.52
0.028
3.10
79.0
24S3R3
3.3
2.07–4.68
0.032
2.80
63.0
24S4R7
4.7
2.82–6.01
0.037
2.39
52.0
24S6R8
6.8
4.40–9.17
0.045
2.00
39.0
24S100
10
8.50–12.5
0.070
1.64
25.6
24S120
12
7.65–15.2
0.074
1.50
29.0
24S150
15
12.8–18.8
0.090
1.34
19.7
24S180
18
11.1–22.7
0.091
1.22
23.0
2
24S220
22
18.7–27.5
0.120
1.10
15.7
24S330
33
28.1–41.3
0.190
0.90
11.2
24S470
47
40.0–58.8
0.240
0.75
10.2
24S680
68
57.8–85.0
0.370
0.63
8.09
24S101
100
85.0–120
0.540
0.52
6.20
24S151
150
128–180
0.860
0.42
4.88
24S221
220
187–264
1.310
0.35
3.58
2400 SERIES
Bobbin Wound Surface Mount Inductors
www.dc-dc.com


Similar Part No. - 24S150

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
24S150C MURATA-24S150C Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 24S150

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2600 CANDD-2600 Datasheet
101Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
   Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2300 CANDD-2300 Datasheet
51Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
   Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com