Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23S390 Datasheet(PDF) 2 Page - C&D Technologies

Part # 23S390
Description  Bobbin Wound Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

23S390 Datasheet(HTML) 2 Page - C&D Technologies

  23S390 Datasheet HTML 1Page - C&D Technologies 23S390 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NMP 2300.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
2300 SERIES
Bobbin Wound Surface Mount Inductors
1 – MECHANICAL DIMENSIONS (UNSHIELDED TYPES)
2 – MECHANICAL DIMENSIONS (EMI SHIELDED TYPES)
Weight: 0.34g
Unless otherwise stated all dimensions in inches (mm) ±0.1(0.25).
Hatching represents solder pads.
Recommended Footprint Details
0.220 (5.6)
0.126 (3.2)
0.028 (0.7)
0.244 (6.2)
0.197
(5.0)
R0.039 (R1.0)
0.067 (1.7)
0.177
(4.5)
Weight: 0.20g
Unless otherwise stated all dimensions in inches (mm) ±0.1(0.25).
Hatching represents solder pads.
Recommended Footprint Details
0.157 (4.0)
0.126 (3.2)
0.177 (4.5)
0.197
(5.0)
R0.039 (R1.0)
0.067 (1.7)
0.177
(4.5)


Similar Part No. - 23S390

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
23S390C MURATA-23S390C Datasheet
135Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 23S390

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2400 CANDD-2400 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
2600 CANDD-2600 Datasheet
101Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
   Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
   Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com