Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6062AIM-NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMC6062AIM-NOPB
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6062AIM-NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC6062AIM-NOPB Datasheet HTML 7Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 8Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 9Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 10Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 11Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 12Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 13Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 14Page - Texas Instruments LMC6062AIM-NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LMC6062
www.ti.com
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
Figure 27. Example of Guard Ring in P.C. Board Layout
(a) Inverting Amplifier
(b) Non-Inverting Amplifier
(c) Follower
Figure 28. Typical Connections of Guard Rings
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 29.
Latchup
CMOS devices tend to be susceptible to latchup due to their internal parasitic SCR effects. The (I/O) input and
output pins look similar to the gate of the SCR. There is a minimum current required to trigger the SCR gate
lead. The LMC6062 and LMC6082 are designed to withstand 100 mA surge current on the I/O pins. Some
resistive method should be used to isolate any capacitance from supplying excess current to the I/O pins. In
addition, like an SCR, there is a minimum holding current for any latchup mode. Limiting current to the supply
pins will also inhibit latchup susceptibility.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6062


Similar Part No. - LMC6062AIM-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062AIM-NOPB TI1-LMC6062AIM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062AIM-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com