Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R350402E Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R350402E
Description  RF DISTRIBUTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R350402E Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R350402E Datasheet HTML 1Page - MPS Industries, Inc. R350402E Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Ideal for use in Wideband Transformer applications
• Bandwidth available from 20MHz to 1000MHz
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom Design Available
Product performance is limited to specified parameter. Data is subject to change without prior notice.
TOLERANCE
Unless otherwise specified
inch: .XX : ± 0.015
.XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
RF DISTRIBUTOR
R35040-XE SERIES
R35040-XE
0945JW
ELECTRICAL SPECIFICATION @ 25°C
Part No
Winding Turns
µiac
R35040-
1-2
2-3
4-5=5-6
1E
1T
3T
2T
125
2E
1T
4T
3T
125
Test Circuit (50W Network System)
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - R350402E

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R350402B MPSIND-R350402B Datasheet
521Kb / 2P
   RF & BALUN TRANSFORMERS
R350402C MPSIND-R350402C Datasheet
521Kb / 2P
   RF & BALUN TRANSFORMERS
More results

Similar Description - R350402E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
   DISTRIBUTOR
logo
Mallory performance clu...
1214M MALLORY-1214M Datasheet
193Kb / 12P
   DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
   Distributor
6848 FESTO-6848 Datasheet
77Kb / 1P
   Distributor
logo
Mallory performance clu...
4756701 MALLORY-4756701 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
logo
Festo Corporation.
6849 FESTO-6849 Datasheet
72Kb / 1P
   Distributor endpiece
logo
Mallory performance clu...
3757901 MALLORY-3757901 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
3756701 MALLORY-3756701 Datasheet
577Kb / 4P
   UNILITE DISTRIBUTOR
4563901 MALLORY-4563901 Datasheet
577Kb / 4P
   UNILITE짰 DISTRIBUTOR
79SERIES MALLORY-79SERIES Datasheet
59Kb / 2P
   REPLACEMENT DISTRIBUTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com