Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6062AIM Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC6062AIM
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6062AIM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6062AIM Datasheet HTML 5Page - Texas Instruments LMC6062AIM Datasheet HTML 6Page - Texas Instruments LMC6062AIM Datasheet HTML 7Page - Texas Instruments LMC6062AIM Datasheet HTML 8Page - Texas Instruments LMC6062AIM Datasheet HTML 9Page - Texas Instruments LMC6062AIM Datasheet HTML 10Page - Texas Instruments LMC6062AIM Datasheet HTML 11Page - Texas Instruments LMC6062AIM Datasheet HTML 12Page - Texas Instruments LMC6062AIM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LMC6062
www.ti.com
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
APPLICATIONS HINTS
AMPLIFIER TOPOLOGY
The LMC6062 incorporates a novel op-amp design topology that enables it to maintain rail-to-rail output swing
even when driving a large load. Instead of relying on a push-pull unity gain output buffer stage, the output stage
is taken directly from the internal integrator, which provides both low output impedance and large gain. Special
feed forward compensation design techniques are incorporated to maintain stability over a wider range of
operating conditions than traditional micropower op amps. These features make the LMC6062 both easier to
design with, and provide higher speed than products typically found in this ultra low power class.
COMPENSATING FOR INPUT CAPACITANCE
It is quite common to use large values of feedback resistance for amplifiers with ultra-low input current, like the
LMC6062.
Although the LMC6062 is highly stable over a wide range of operating conditions, certain precautions must be
met to achieve the desired pulse response when a large feedback resistor is used. Large feedback resistors and
even small values of input capacitance, due to transducers, photodiodes, and circuit board parasitics, reduce
phase margins.
When high input impedances are demanded, guarding of the LMC6062 is suggested. Guarding input lines will
not only reduce leakage, but lowers stray input capacitance as well. (See PRINTED-CIRCUIT-BOARD LAYOUT
FOR HIGH-IMPEDANCE WORK).
The effect of input capacitance can be compensated for by adding a capacitor. Place a capacitor, Cf, around the
feedback resistor (as in Figure 24 ) such that:
(1)
or
R1 CIN ≤ R2 Cf
(2)
Since it is often difficult to know the exact value of CIN, Cf can be experimentally adjusted so that the desired
pulse response is achieved. Refer to the LMC660 and the LMC662 for a more detailed discussion on
compensating for input capacitance.
Figure 24. Canceling the Effect of Input Capacitance
CAPACITIVE LOAD TOLERANCE
All rail-to-rail output swing operational amplifiers have voltage gain in the output stage. A compensation capacitor
is normally included in this integrator stage. The frequency location of the dominate pole is affected by the
resistive load on the amplifier. Capacitive load driving capability can be optimized by using an appropriate
resistive load in parallel with the capacitive load (see typical curves).
Direct capacitive loading will reduce the phase margin of many op-amps. A pole in the feedback loop is created
by the combination of the op-amp's output impedance and the capacitive load. This pole induces phase lag at the
unity-gain crossover frequency of the amplifier resulting in either an oscillatory or underdamped pulse response.
With a few external components, op amps can easily indirectly drive capacitive loads, as shown in Figure 25.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC6062


Similar Part No. - LMC6062AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062AIM NSC-LMC6062AIM Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIM TI-LMC6062AIM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIM TI1-LMC6062AIM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062AIM NSC-LMC6062AIM Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIM TI1-LMC6062AIM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062AIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com