Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6181IMX-8 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM6181IMX-8
Description  LM6181 100 mA, 100 MHz Current Feedback Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6181IMX-8 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM6181IMX-8 Datasheet HTML 6Page - Texas Instruments LM6181IMX-8 Datasheet HTML 7Page - Texas Instruments LM6181IMX-8 Datasheet HTML 8Page - Texas Instruments LM6181IMX-8 Datasheet HTML 9Page - Texas Instruments LM6181IMX-8 Datasheet HTML 10Page - Texas Instruments LM6181IMX-8 Datasheet HTML 11Page - Texas Instruments LM6181IMX-8 Datasheet HTML 12Page - Texas Instruments LM6181IMX-8 Datasheet HTML 13Page - Texas Instruments LM6181IMX-8 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LM6181
SNOS634B – MAY 1998 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
TA = 25°C unless otherwise noted
NON-INVERTING GAIN
NON-INVERTING GAIN
FREQUENCY RESPONSE
FREQUENCY RESPONSE
VS = ±15V; AV = +10;
VS = ±5V; AV = +10;
Rf = 820Ω
Rf = 820Ω
Figure 14.
Figure 15.
NON-INVERTING GAIN
BANDWIDTH
FREQUENCY COMPENSATION
vs
VS = ±15V; AV = +2;
Rf & RS
RL = 150Ω
AV = −1, RL = 1 kΩ
Figure 16.
Figure 17.
TRANSIMPEDANCE
OUTPUT SWING vs
vs FREQUENCY
RLOAD PULSED, VS = ±15V,
VS = ±15V
IIN = ±200 μA, VIN+ = 0V
RL = 1 kΩ
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM6181


Similar Part No. - LM6181IMX-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6181IMX-8/NOPB TI1-LM6181IMX-8/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
More results

Similar Description - LM6181IMX-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com