Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI500DC Datasheet(PDF) 4 Page - C&D Technologies

Part # CPCI500DC
Description  500 Watt, 6U x 4HP, Compact PCI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

CPCI500DC Datasheet(HTML) 4 Page - C&D Technologies

  CPCI500DC Datasheet HTML 1Page - C&D Technologies CPCI500DC Datasheet HTML 2Page - C&D Technologies CPCI500DC Datasheet HTML 3Page - C&D Technologies CPCI500DC Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
cPCI500-DC REV D 8/2002
Product: www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and
in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.


Similar Part No. - CPCI500DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CPCI500D-1 MURATA-CPCI500D-1 Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
CPCI500D-1C MURATA-CPCI500D-1C Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
CPCI500D-2 MURATA-CPCI500D-2 Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
CPCI500D-2C MURATA-CPCI500D-2C Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
More results

Similar Description - CPCI500DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI200DC CANDD-CPCI200DC Datasheet
232Kb / 4P
   180/225 wATT, 3U x 4HP CompactPCI
CPCI420DC CANDD-CPCI420DC Datasheet
360Kb / 4P
   420 Watt, 6U x 8HP, CompactPCI
logo
Advantech Co., Ltd.
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
   6U CompactPCI짰 PCI Carrier Board
logo
HITRON ELECTRONICS CORP...
HDC202C-24B-490 HITRON-HDC202C-24B-490 Datasheet
253Kb / 2P
   205W HALF SIZE 3U X 4HP PACKAGE
HAC202P HITRON-HAC202P_11 Datasheet
564Kb / 2P
   200W 3U X 4HP HALF SIZE EUROCARD PACKAGE
logo
Total Power Internation...
TPAC202P TOTAL-POWER-TPAC202P Datasheet
695Kb / 2P
   200W 3U X 4HP HALF SIZE EUROCARD PACKAGE
logo
C&D Technologies
CPCI350DC CANDD-CPCI350DC Datasheet
203Kb / 4P
   Compact PCI SERIES
logo
HITRON ELECTRONICS CORP...
HDC500P-48B HITRON-HDC500P-48B_11 Datasheet
310Kb / 2P
   500W 6U X 8HP EUROCARD PACKAGE
HDC350P-24B-490 HITRON-HDC350P-24B-490 Datasheet
327Kb / 2P
   406W 6U X 8HP EUROCARD PACKAGE
HDC400P-48B-490 HITRON-HDC400P-48B-490_11 Datasheet
317Kb / 2P
   400W 6U X 8HP EUROCARD PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com