Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2006GA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF2006GA
Description  20.0 Ampere Dual Common Anode Super Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF2006GA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF2006GA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF2006GA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
600
420
600
20.0
10.0
200
175
0.975
1.3
1.5
35
250
120
70
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case: TO-220AB Heatsink
¬
High surge current capability
¬
Weight: 2.24 gram approximately
¬
Polarity: As marked on body
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
¬
Epoxy: UL 94V-0 rate flame retardant
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
®
SF2004GA thru SF2008GA
Pb Free Plating Product
SF2004GA thru SF2008GA
20.0 Ampere Dual Common Anode Super Fast Recovery Diodes
Pb
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Tandem Polarity
Suffix "A"
Suffix "D"
SF2004G
SF2004GA
SF2004GD
SF2006G
SF2006GA
SF2006GD
SF2008G
SF2008GA
SF2008GD
Rev.04


Similar Part No. - SF2006GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF2006GA THINKISEMI-SF2006GA Datasheet
650Kb / 2P
   20.0 Ampere Dual Unipolar-Doubler Polarity Superfast Recovery Diode
More results

Similar Description - SF2006GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR2020CTR THINKISEMI-MUR2020CTR Datasheet
632Kb / 2P
   20.0 Ampere Dual Common Anode Ultra Fast Recovery Diodes
MUR2020A THINKISEMI-MUR2020A Datasheet
635Kb / 2P
   20.0 Ampere Dual Common Anode Ultra Fast Recovery Diodes
F20A20CT THINKISEMI-F20A20CT Datasheet
617Kb / 2P
   20.0 Ampere Dual Common Anode Fast Recovery Rectifier Diodes
20SA20FA THINKISEMI-20SA20FA_V01 Datasheet
277Kb / 2P
   20.0 Ampere Insulated Dual Common Anode Super Fast Recovery Rectifiers
Rev.12T
SF201CTA THINKISEMI-SF201CTA Datasheet
741Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF201A THINKISEMI-SF201A Datasheet
759Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF201CA THINKISEMI-SF201CA Datasheet
741Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
MURF2020CTR THINKISEMI-MURF2020CTR Datasheet
616Kb / 2P
   20.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
logo
List of Unclassifed Man...
MURF2020CTR ETC2-MURF2020CTR Datasheet
616Kb / 2P
   20.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
logo
Thinki Semiconductor Co...
F20C20A THINKISEMI-F20C20A Datasheet
605Kb / 2P
   20.0 Ampere Dual Common Anode Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com