Electronic Components Datasheet Search |
|
LX-4000T Datasheet(PDF) 1 Page - MRV Communications, Inc. |
|
LX-4000T Datasheet(HTML) 1 Page - MRV Communications, Inc. |
1 / 2 page Out-of-Band Networking Datasheet sales@mrv.com LX Series 4000T Console Servers A Complete Out-of-Band Networking Solution The 4000T Series of console servers gives IT administrators the ability to perform secure remote management of operational and physical infrastructures. With models ranging from 8 to 48 ports, the LX-4000T Series can meet a wide range of needs. The 4000T Series uses the proven LX Series software, for an easy transition from other LX Series models. Dual Ethernet ports support automatic failover to secondary paths. The 4000T Series offers single and dual power options in all port densities. An optional internal modem provides flexibility and dial up connectivity. The optional Digital Volt Meter provides visibility to power levels for DC power sources. The 4000T Series can be used with MRV’s 5250 Power Control Series to provide administrators with the ability to manage, control, and monitor individual power outlets for critical equipment. Using secure access through the 4000T series, network managers can remotely power cycle a locked up server, bring a redundant system online or turn on an auxiliary air conditioner. Physical infrastructure control and monitoring can be enabled on each 4000T Series serial port, supporting two sensor inputs or two control outputs. Sophisticated Trigger/ Action control can be used for customizing that meets specific organizational notification and control needs. Industry Leading Security MRV was the first to market with console servers that met the demanding US Government FIPS 140-2 cryptographic security standard. With US government approved agency testing, the LX Series software delivers the most secure and richest set of features, including, point and click access to any port, per port password protection, SSH v2.0, SNMP V3, IP V6, IPsec IKE 1\2, RADIUS, SecurID, LDAP, TACACS+, PPP PAP/ CHAP, PPP dial- back, user access lists, and on-board database. The Cluster Control and Configuration feature simplifies configuration and monitoring of large networks without a single point of failure. Applications • Enterprise data centers • Remote/Branch offices • Telco central office and remote facilities • Utilities • Test and development labs Benefits • Cutting Costs- Nearly eliminates the need for personnel to be physically present at remote equipment site • Increasing Security- Protect service ports from unauthorized, undetected access • Lowering Risk- Capture logs as a record of system activity to meet regulations such as Sarbanes-Oxley and HIPAA • Improving Service Levels- Easy and efficient remote access utilizes scarce technical resources more effectively, and reduces the need for redundant equipment by minimizing downtime • Simplifying Operations- Verify access using existing security infrastructure • Simplified Event Notification and Response - Automatic response to an emergency increases safety and helps avoid potentially hazardous conditions Easy, Powerful Management Tools The 4000T Series has a management option to fit every style. The easy to use browser based Graphical User Interface allows full configuration and management, while the industry standard style extensive Command Line Interface is a powerful tool for automated scripts. MRV’s MegaVision product can be used as a standalone network management and fault management system, or be combined with other management platforms. |
Similar Part No. - LX-4000T |
|
Similar Description - LX-4000T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |