Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIMMG100SR060UA Datasheet(PDF) 1 Page - Micross Components

Part # MIMMG100SR060UA
Description  600V 100A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG100SR060UA Datasheet(HTML) 1 Page - Micross Components

  MIMMG100SR060UA Datasheet HTML 1Page - Micross Components MIMMG100SR060UA Datasheet HTML 2Page - Micross Components MIMMG100SR060UA Datasheet HTML 3Page - Micross Components MIMMG100SR060UA Datasheet HTML 4Page - Micross Components MIMMG100SR060UA Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIMMG100SR060UA
600V 100A IGBT Module
RoHS Compliant
FEATURES
·
Ultra Low Loss
·
High Ruggedness
·
High Short Circuit Capability
·
Positive Temperature Coefficient
·
With Fast Free-Wheeling Diodes
APPLICATIONS
·
Invertor
·
Convertor
·
Welder
·
SMPS and UPS
·
Induction Heating
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ti
n
U
s
e
u
l
a
V
s
n
o
it
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
IGBT
VCES
V
0
0
6
e
g
a
tl
o
V
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
C
VGES
Gate - Emitter Voltage
±
20
V
IC
DC Collector Current
TC
A
0
5
1
C
°
5
2
=
TC
A
5
0
1
C
°
0
8
=
ICpuls
Pulsed Collector Current
TC=25°C, tp=1ms
300
A
TC=80°C, tp=1ms
210
A
Ptot
W
5
2
6
T
B
G
I
r
e
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
TJ
C
°
0
5
1
+
o
t
0
4
-
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
TSTG
C
°
5
2
1
+
o
t
0
4
-
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Visol
V
0
0
0
3
n
i
m
1
=
t
,
C
A
e
g
a
tl
o
V
t
s
e
T
n
o
it
a
l
u
s
n
I
Free-Wheeling Diode
VRRM
V
0
0
6
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
v
it
it
e
p
e
R
IF(AV)
Average Forward Current
TC
A
5
2
1
C
°
5
2
=
TC
A
5
8
C
°
0
8
=
IF(RMS)
A
2
2
1
t
n
e
rr
u
C
d
r
a
w
r
o
F
S
M
R
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=10ms, Sine
500
A
TJ=45°C, t=8.3ms, Sine
545
A
GS Series Module


Similar Part No. - MIMMG100SR060UA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100SR060UK MICROSS-MIMMG100SR060UK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZK MICROSS-MIMMG100SR060UZK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG100SR060UA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100SR060UK MICROSS-MIMMG100SR060UK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100S060B6N MICROSS-MIMMG100S060B6N Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZK MICROSS-MIMMG100SR060UZK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060DE MICROSS-MIMMG100SR060DE Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060B MICROSS-MIMMG100SR060B Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMF2X100J060D MICROSS-MIMMF2X100J060D Datasheet
1Mb / 3P
   600V 100A FRED Module RoHS Compliant
MIMMG100SR120DE MICROSS-MIMMG100SR120DE Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG100S120B6TN MICROSS-MIMMG100S120B6TN Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG100SR120UA MICROSS-MIMMG100SR120UA Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com