Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIMMG200D120B6TN Datasheet(PDF) 5 Page - Micross Components

Part # MIMMG200D120B6TN
Description  1200V 200A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG200D120B6TN Datasheet(HTML) 5 Page - Micross Components

  MIMMG200D120B6TN Datasheet HTML 1Page - Micross Components MIMMG200D120B6TN Datasheet HTML 2Page - Micross Components MIMMG200D120B6TN Datasheet HTML 3Page - Micross Components MIMMG200D120B6TN Datasheet HTML 4Page - Micross Components MIMMG200D120B6TN Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIMMG200D120B6TN
Figure11. Circuit Diagram
93.0
28.0
28.0
20.0
108.0
M6
2.8x0.5
1
2
3
22.0
6.0
18
Φ
6.5
Dimensions (mm)
Figure12. Package Outline


Similar Part No. - MIMMG200D120B6TN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG200D120B6UN MICROSS-MIMMG200D120B6UN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG200D120B6TN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG200DR120DE MICROSS-MIMMG200DR120DE Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6UN MICROSS-MIMMG200D120B6UN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZA MICROSS-MIMMG200DR120UZA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UK MICROSS-MIMMG200DR120UK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120B MICROSS-MIMMG200DR120B Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZK MICROSS-MIMMG200DR120UZK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UA MICROSS-MIMMG200DR120UA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMF200N120DA MICROSS-MIMMF200N120DA Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
MIMMD200FB160X MICROSS-MIMMD200FB160X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMF200S120B MICROSS-MIMMF200S120B Datasheet
1Mb / 2P
   1200V 200A FRED Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com