Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM630-1562F Datasheet(PDF) 3 Page - International Rectifier

Part # IRAM630-1562F
Description  Intelligent Power Module for Energy Efficient Compressor Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM630-1562F Datasheet(HTML) 3 Page - International Rectifier

  IRAM630-1562F Datasheet HTML 1Page - International Rectifier IRAM630-1562F Datasheet HTML 2Page - International Rectifier IRAM630-1562F Datasheet HTML 3Page - International Rectifier IRAM630-1562F Datasheet HTML 4Page - International Rectifier IRAM630-1562F Datasheet HTML 5Page - International Rectifier IRAM630-1562F Datasheet HTML 6Page - International Rectifier IRAM630-1562F Datasheet HTML 7Page - International Rectifier IRAM630-1562F Datasheet HTML 8Page - International Rectifier IRAM630-1562F Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IRAM630-1562F
3
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
October 23, 2013
TJ (IGBT & Diode & IC) Maximum Operating Junction Temperature
+150
TC
Operating Case Temperature Range
-20 to +100
TSTG
Storage Temperature Range
-40 to +125
T
Mounting torque Range (M3 screw)
0.8 to 1.0
Nm
Note 1: tP<100ms, VCC=15V, TC=25°C, FPWM=20kHz.
Note 2: Sinusoidal Modulation at V+=400V, VCC=15V, TJ=150°C, MI=0.8, PF=0.6, See Figure 4.
Note 3: tP<100ms, VCC=15V, TC=25°C, FPWM=6kHz.
°C
Absolute Maximum Ratings (Continued)
Symbol
Parameter
Min
Max
Units Conditions
VS1,2,3
High side floating supply offset
voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High side floating supply voltage
-0.3
600
V
VCC
Low Side and logic fixed supply
voltage
-0.3
20
V
VIN
Input voltage LIN, HIN, PFCIN,
ITrip, FLT/EN
-0.3
Lower of
(VSS+15V) or
VCC+0.3V
V
VPFCTRIP
PFCTRIP input voltage
-2
Lower of
(VSS+15V) or
VCC+0.3V
V


Similar Part No. - IRAM630-1562F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
   Integrated boost PFC power stage and gate driver
IRAM630-1562F IRF-IRAM630-1562F_15 Datasheet
617Kb / 19P
   Integrated boost PFC power stage and gate driver
More results

Similar Description - IRAM630-1562F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC56F823XX NXP-MC56F823XX_V01 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
logo
Nanjing International G...
BSS84 DGNJDZ-BSS84 Datasheet
792Kb / 5P
   Energy Efficient
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Motorola, Inc
MJ100BX120 MOTOROLA-MJ100BX120 Datasheet
392Kb / 4P
   Energy Efficient Package
logo
STMicroelectronics
AN2446 STMICROELECTRONICS-AN2446 Datasheet
233Kb / 13P
   STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
logo
Fuji Electric
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
   Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
   Intelligent Power Module
Rev.1.0 July 2021
logo
Fuji Electric
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com