Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM136-1561A Datasheet(PDF) 6 Page - International Rectifier

Part # IRAM136-1561A
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-1561A Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAM136-1561A Datasheet HTML 2Page - International Rectifier IRAM136-1561A Datasheet HTML 3Page - International Rectifier IRAM136-1561A Datasheet HTML 4Page - International Rectifier IRAM136-1561A Datasheet HTML 5Page - International Rectifier IRAM136-1561A Datasheet HTML 6Page - International Rectifier IRAM136-1561A Datasheet HTML 7Page - International Rectifier IRAM136-1561A Datasheet HTML 8Page - International Rectifier IRAM136-1561A Datasheet HTML 9Page - International Rectifier IRAM136-1561A Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRAM136-1561A
6
www.irf.com
Thermal and Mechanical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
Rth(J-C)
Thermal resistance, per IGBT
---
3.2
3.8
Rth(J-C)
Thermal resistance, per Diode
---
5.0
6.0
Rth(C-S)
Thermal resistance, C-S
---
0.1
---
CTI
Comparative Tracking Index
600
---
---
V
BKCurve
Curvature of module backside
0
80
---
Convex only
Inverter Operating Condition
Flat, greased surface. Heatsink
compound thermal conductivity
1W/mK
°C/W
Internal NTC - Thermistor Characteristics
Parameter
Definition
Min
Typ
Max
Units Conditions
R25
Resistance
44.65
47
49.35
TC = 25°C
R125
Resistance
1.27
1.41
1.56
TC = 125°C
B
B-constant (25-50°C)
3989
4050
4111
k
R2 = R1e [B(1/T2 - 1/T1)]
Temperature Range
-40
---
125
°C
Typ. Dissipation constant
---
1
---
mW/°C TC = 25°C
Input-Output Logic Level Table
FLT/EN
ITRIP
HIN1,2,3
LIN1,2,3
U,V,W
1010
V+
10010
1000
Off
1011
Off
11X
X
Off
0
XXX
Off
Ho
Lo
U,V,W
IC
Driver
V+
HIN1,2,3
LIN1,2,3
(20,22,23)
(24,25,26)
(10,6,2)
Ho
Lo
U,V,W
IC
Driver
V+
HIN1,2,3
LIN1,2,3
(20,22,23)
(24,25,26)
(10,6,2)


Similar Part No. - IRAM136-1561A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060BS IRF-IRAM136-1060BS Datasheet
298Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAM136-1561A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com