Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316-2QSFP-40G Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM316-2QSFP-40G
Description  40 Gbps QSFP Media Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316-2QSFP-40G Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM316-2QSFP-40G Datasheet HTML 1Page - MRV Communications, Inc. EM316-2QSFP-40G Datasheet HTML 2Page - MRV Communications, Inc. EM316-2QSFP-40G Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
40 Gbps QSFP Media Converter
EM316-2QSFP-40G
Overview
The Fiber Driver® EM316-2QSFP-40G media module provides
media conversion and distance extension for 40G or 10G Ethernet
links.
The module addresses the growing need for more bandwidth for
data centers and enterprises. The emergence of high-end servers
and Ethernet switches with 40G Ethernet interfaces increases the
need for media conversion (multi-mode to single-mode) and link
range extension.
The compact, hot-swappable one-slot module has two QSFP
sockets for modular QSFP transceivers. Installation and setup
is simple plug-n-play. Insert the module into any powered
Fiber Driver chassis with the QSFP transceivers required for the
application, and then connect to the network.
Changing a connection type at any time is simple, requiring only
replacement of a hot-swappable QSFP transceiver. The module
ports support the MSA standard including Digital Diagnostics.
Because the transceivers meet industry standards, a smaller
inventory shared between applications reduces expenses and
maximizes the return on investment.
MRV offers multiple QSFP pluggable transceivers:
QSFP-40GD-SX - 40 Gig QSFP Multi-mode 100 Meter
QSFP-40GD-LR4 - 40 Gig QSFP Single-mode 10 km
The multi-mode QSFP may be used with MPO MM (40G) or with
fan-out cables for quad 10G interfaces.
The 40G Ethernet 802.3ba standard adopts a Wavelength
Division Multiplexing (WDM) approach for single mode. The
802.3ba standard divides the 40G Ethernet signal into four 10
Gigabit Ethernet signals.
1
Highlights
Multiple functions in one module:
--40G converter/repeater
--Quad 10G optical multiplexer
40G link interface
--Ethernet/IEEE: 802.3ba 40GE-LR4
40G multi-link (fiber) interfaces
--Ethernet/IEEE: 802.3ba XLAUI
--OIF: CEI-11G
10G interfaces
--8.5 - 11.3 Gbps
QSFP ports for flexibility and scalability
--Add or change optics to adjust data rates
--Single item module inventory
Link Integrity Notification (LIN)
Loopback
Management through EM316LNXNM-OT
--Command line interface (CLI)
--SNMP management
--Full graphical management with MegaVision Pro®
--Port feature control
--Digital Diagnostics
Pseudo Random Bit Sequence (PRBS) sender/
checker for connection testing (per 10G interface)
Hot-swap support (module and interfaces)
Fiber Driver chassis compatibility


Similar Part No. - EM316-2QSFP-40G

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316-2SFP MRV-EM316-2SFP Datasheet
154Kb / 2P
   Optical Transport Solutions
EM316-2XFP MRV-EM316-2XFP Datasheet
141Kb / 3P
   XFP-to-XFP 10-Gigabit Repeaters
EM316-2XFP-ET MRV-EM316-2XFP-ET Datasheet
141Kb / 3P
   XFP-to-XFP 10-Gigabit Repeaters
More results

Similar Description - EM316-2QSFP-40G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064101070 MOLEX11-1064101070 Datasheet
48Kb / 1P
   QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates
1064101250 MOLEX11-1064101250 Datasheet
48Kb / 1P
   QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates,
1064101025 MOLEX11-1064101025 Datasheet
48Kb / 1P
   QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates
1064101180 MOLEX11-1064101180 Datasheet
48Kb / 1P
   QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates
1064101180 MOLEX11-1064101180_17 Datasheet
44Kb / 1P
   QSFP to QSFP Active Optical Cable Assembly, 40 Gbps Data Rates, Cable Length
1064101250 MOLEX11-1064101250_17 Datasheet
44Kb / 1P
   QSFP to QSFP Active Optical Cable Assembly, 40 Gbps Data Rates, Cable Length
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
logo
Molex Electronics Ltd.
1064101200 MOLEX11-1064101200_17 Datasheet
43Kb / 1P
   QSFP to QSFP Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate
1064101300 MOLEX11-1064101300_17 Datasheet
43Kb / 1P
   QSFP to QSFP Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate
1064101003 MOLEX11-1064101003 Datasheet
48Kb / 1P
   QSFP to QSFP Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com