Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS367 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74LS367
Description  3-STATE HEX BUFFERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS367 Datasheet(HTML) 3 Page - Motorola, Inc

  74LS367 Datasheet HTML 1Page - Motorola, Inc 74LS367 Datasheet HTML 2Page - Motorola, Inc 74LS367 Datasheet HTML 3Page - Motorola, Inc 74LS367 Datasheet HTML 4Page - Motorola, Inc 74LS367 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-518
FAST AND LS TTL DATA
SN54/74LS365A
• SN54/74LS366A
SN54/74LS367A
• SN54/74LS368A
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.4
3.4
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.4
3.1
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
20
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
– 20
µA
VCC = MAX, VOUT = 0.4 V
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
E Inputs
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IIL
D Inputs
– 20
µA
VCC = MAX, VIN = 0.5 V
Either E Input at 2.0 V
– 0.4
mA
VCC = MAX, VIN = 0.4 V
Both E Inputs at 0.4 V
IOS
Short Circuit Current (Note 1)
– 40
– 225
mA
VCC = MAX
ICC
Power Supply Current
LS365A, 367A
24
mA
VCC = MAX
ICC
LS366A, 368A
21
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
LS365A / LS367A
LS366A / LS368A
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay
10
9.0
16
22
7.0
12
15
18
ns
CL = 45 pF,
RL = 667 Ω
tPZH
tPZL
Output Enable Time
19
24
35
40
18
28
35
45
ns
CL = 45 pF,
RL = 667 Ω
tPHZ
tPLZ
Output Disable Time
30
35
32
35
ns
CL = 5.0 pF


Similar Part No. - 74LS367

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS367 NSC-74LS367 Datasheet
137Kb / 6P
   Hex TRI-STATE Buffers
logo
ON Semiconductor
74LS367 ONSEMI-74LS367 Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS367 TI-74LS367 Datasheet
682Kb / 21P
[Old version datasheet]   HEX BUS DROVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LS367 FAIRCHILD-74LS367 Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
logo
Hitachi Semiconductor
74LS367 HITACHI-74LS367 Datasheet
54Kb / 6P
   Hex Bus Drivers(non-inverted data outputs with three-state outputs)
More results

Similar Description - 74LS367

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM80C95 FAIRCHILD-MM80C95 Datasheet
83Kb / 7P
   3-STATE Hex Buffers 3-STATE Hex Inverters
logo
STMicroelectronics
T74LS365A STMICROELECTRONICS-T74LS365A Datasheet
87Kb / 4P
   3-STATE HEX BUFFERS
September 1988
logo
List of Unclassifed Man...
8T95 ETC1-8T95 Datasheet
228Kb / 4P
   High Speed Hex 3-State Buffers/Inverters
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
   Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
   Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
   Hex TRI-STATE Buffers
MM70C95 NSC-MM70C95 Datasheet
159Kb / 8P
   TRI-STATE Hex Inverters, Buffers
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
   HEX TRI-STATE INVERTING BUFFERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com