Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1422311 Datasheet(PDF) 2 Page - C&D Technologies

Part # 1422311
Description  Bobbin Type Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

1422311 Datasheet(HTML) 2 Page - C&D Technologies

  1422311 Datasheet HTML 1Page - C&D Technologies 1422311 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SELECTION GUIDE
Mechanical Dimensions
Footprint
Order Code
µH
A°C
Q
f
MHz
a
bcd
Øe
f
Øg
1447506
4.7mH 2.200 0.6
27
60
50
0.6 25.2 24.4 14.0 0.39 4.5* 23.0 0.7
1447508
4.7mH 1.436 0.8
26
65
50
0.5 25.3 24.4 18.5 0.48 4.5* 23.1 0.9
1447509
4.7mH 1.250 0.9
28
57
10
0.5 30.9 29.8 21.8 0.54 5.1 28.5 1.0
1468505
6.8mH 2.810 0.5
24
50
50
0.5 25.2 24.4 14.0 0.39 4.5* 23.0 0.7
1468507
6.8mH 2.214 0.7
25
47
50
0.4 25.2 24.4 18.5 0.43 4.5* 23.0 0.8
1468508
6.8mH 1.884 0.8
26
30
50
0.4 30.7 29.8 21.8 0.48 5.1 28.5 0.9
1410604
10mH 4.340 0.4
22
51
50
0.4 25.1 24.4 14.0 0.34 4.5* 22.9 0.6
1410605
10mH 3.394 0.5
24
48
50
0.3 25.2 24.4 18.5 0.39 4.5* 23.0 0.7
1410606
10mH 2.294 0.6
25
48
50
0.2 30.9 29.8 21.8 0.54 5.1 28.5 1.0
1415604
15mH 4.912 0.4
25
61
10
0.2 25.1 24.4 18.5 0.34 4.5* 22.9 0.6
1415605
15mH 3.740 0.5
21
55
10
0.2 30.6 29.8 21.8 0.43 5.1 28.4 0.8
1422604
22mH 6.926 0.4
26
30
50
0.2 30.5 29.8 21.8 0.34 5.1 28.3 0.6
* The drilled hole for these devices have a 6.10Ø x 2.40 countersink
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–55°C to 125°C
ABSOLUTE MAXIMUM RATINGS
Inductance
Resistance
Curie
Saturation
Temperature
Temperature
Temperature
Flux
Coefficient
Coefficient
TC
BSAT
215ppm
4100ppm
130°C
240mT
TYPICAL CORE CHARACTERISTICS
1400 SERIES
Bobbin Type Inductors
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NMP 1400.5
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
MECHANICAL DIMENSIONS
Recommended Footprint Details
g ±0.15
All dimensions in mm
e ±0.30
d ±0.05
a ±1.50
f ±1.50
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com


Similar Part No. - 1422311

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1422311C MURATA-1422311C Datasheet
497Kb / 2P
   Bobbin Type Inductors
1422311C MURATA-1422311C Datasheet
110Kb / 2P
   Bobbin Type Inductors
logo
Murata Power Solutions ...
1422311C MURATA-PS-1422311C Datasheet
340Kb / 2P
   Bobbin Type Inductors
More results

Similar Description - 1422311

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1400 MURATA-KMP_1400 Datasheet
110Kb / 2P
   Bobbin Type Inductors
1410313C MURATA-1410313C Datasheet
497Kb / 2P
   Bobbin Type Inductors
logo
Murata Power Solutions ...
1410313C MURATA-PS-1410313C Datasheet
340Kb / 2P
   Bobbin Type Inductors
logo
Datatronic Distribution...
PT12110 DATATRONICS-PT12110 Datasheet
49Kb / 1P
   Bobbin Type Fixed Inductors
logo
Allied Components Inter...
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com