Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS0850D5S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # DS0850D5S
Description  DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS0850D5S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  DS0850D5S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS0850D5S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS0850D5S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS0850D5S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIESEL GENERATOR SET
AIR CHARGE-AIR COOLING
850kVA/50 Hz/Standby (Fuel-Optimized)
380 - 415V
A TOGNUM GROUP BRAND
SYSTEM RATINGS
Standby
DS00850D5S
DS00850D5S
DS00850D5S
Voltage (L-L)
380V
400V
415V
Phase
3
3
3
PF
0.8
0.8
0.8
Hz
50
50
50
kW
680
680
664
kVA
850
850
830
Amps
1291
1227
1155
Generator model
574RSL7066
574RSL7066
574RSL7066
Temp rise
150 °C/40 °C
150 °C/40 °C
150 °C/40 °C
Connection
6 LEAD HI WYE
6 LEAD HI WYE
6 LEAD HI WYE
//
Industry-leading average load factor
//
Outstanding fuel economy
//
Optimized maintenance intervals
//
Low installation costs
//
Best-in-class reliability and availability
//
Lifting vertically or with diagonal pull
//
Compact design
BENEFITS
Optional equipment shown. Standard equipment may vary.
➀ Power available up to 40°C/400 m


Similar Part No. - DS0850D5S

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0850 DAICO-DS0850 Datasheet
43Kb / 1P
   GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
   GaAs SP2T
More results

Similar Description - DS0850D5S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS0330D5S MTU-DS0330D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS1000D5S MTU-DS1000D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS1250D5S MTU-DS1250D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0400D5S MTU-DS0400D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DP0275D5S MTU-DP0275D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0300D5S MTU-DS0300D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0715D5S MTU-DS0715D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DS0500D5S MTU-DS0500D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0650D5S MTU-DS0650D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DS1100D5S MTU-DS1100D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com