Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5001R803R3PBCH Datasheet(PDF) 10 Page - International Rectifier

Part # D5001R803R3PBCH
Description  HIGH RELIABILITY RADIATION TOLERANT,LOW POWER,DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

D5001R803R3PBCH Datasheet(HTML) 10 Page - International Rectifier

Back Button D5001R803R3PBCH Datasheet HTML 2Page - International Rectifier D5001R803R3PBCH Datasheet HTML 3Page - International Rectifier D5001R803R3PBCH Datasheet HTML 4Page - International Rectifier D5001R803R3PBCH Datasheet HTML 5Page - International Rectifier D5001R803R3PBCH Datasheet HTML 6Page - International Rectifier D5001R803R3PBCH Datasheet HTML 7Page - International Rectifier D5001R803R3PBCH Datasheet HTML 8Page - International Rectifier D5001R803R3PBCH Datasheet HTML 9Page - International Rectifier D5001R803R3PBCH Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com
(26 TO 55V Input, Regulated Dual Outputs)
(+1.8V and +3.3V)
D5001R803R3P
Part Numbering
WORLD HEADQUARTERS: 101 N, Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105
IR SAN JOSE: 2520 Junction Avenue, San Jose, California 95134, USA Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/2013
D 50 01R8
/EM
Model
D = Two Outputs,
5W Max each,
Radiation-
Tolerant Design
Input Voltage
50 = 50V
Quality Level
EM = Engineering Model
H = Class H per MIL-PRF-38534
Output Configuration
P = Both Positive
Output 1
01R8 = 1.8V
P
03R3
I/O Pin Option
A = Straight Pins
B = Down Pins
Output 2
03R3 = 3.3V
A A
Lead Finish
A = Solder Dipped
C = Gold Plated
Blank = for EM, Lead Finish as available


Similar Part No. - D5001R803R3PBCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
D5001R803R3P IRF-D5001R803R3P Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
D5001R803R3P IRF-D5001R803R3P_15 Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
More results

Similar Description - D5001R803R3PBCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
D5001R803R3P IRF-D5001R803R3P_15 Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
D2800D IRF-D2800D_15 Datasheet
234Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com