Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA423R409ES Datasheet(PDF) 1 Page - International Rectifier

Part # HMA423R409ES
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HMA423R409ES Datasheet(HTML) 1 Page - International Rectifier

  HMA423R409ES Datasheet HTML 1Page - International Rectifier HMA423R409ES Datasheet HTML 2Page - International Rectifier HMA423R409ES Datasheet HTML 3Page - International Rectifier HMA423R409ES Datasheet HTML 4Page - International Rectifier HMA423R409ES Datasheet HTML 5Page - International Rectifier HMA423R409ES Datasheet HTML 6Page - International Rectifier HMA423R409ES Datasheet HTML 7Page - International Rectifier HMA423R409ES Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/26/09
www.irf.com
1
HIGH RELIABILITY
DC-DC CONVERTER
HMA423R409T/ES
Description
n 36.5 to 48V DC Input Range
n Up to 50W (peak) Output Power
n +3.4V Main Output,
±9.2V Aux. Output
n Internal EMI Filter; Converter capable of
meeting MIL-STD-461C CE03 and CS01
n Magnetically Coupled Feedback
n High Efficiency
n -55°C to +125°C Operating Temperature
Range
n 100M@ 500V DC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Output Over voltage Limiter
n External Inhibit
n Sync Frequency Input
n Low Weight, < 100 grams
Features
+42V Input, Triple Output
The HMA423R409T/ES is a 50W triple output, high
reliability DC-DC converter designed for rugged
environments and extended temperature operations
such as those encountered in military, aerospace and
industrial applications. The converter is in full
compliance with the conducted emission, CE03 of MIL-
STD-461C. Line rejection of greater than 40dB provides
rejection of input noise. Features include small size,
low weight and conservative component stress de-
rating.
Applications
n Military Aircraft
n Commercial Aircraft
n Ground Equipment
Manufactured in a facility fully qualified to MIL-PRF-
38534, this converter is fully screened to the requirements
as described in the device screeening table in this
document.
The converter is enclosed in a hermetic 3.00” x 2.00” x
0.475” Aluminium-Silicon-Carbide, ALSiC, package and
weighs less than 100 grams. The package utilizes
rugged ceramic feed-thru copper core pins and is
sealed using parallel seam welding.
An external inhibit port is provided to enable a low power
dissipation “stand-by” operation mode. A separate sync
input is provided to allow the user to “pull” the switching
frequency to a desired frequency.
HMA
PD-97431


Similar Part No. - HMA423R409ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HMA423R409T IRF-HMA423R409T Datasheet
155Kb / 8P
   HIGH RELIABILITY DC-DC CONVERTER
HMA423R409T IRF-HMA423R409T_15 Datasheet
155Kb / 8P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - HMA423R409ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com