Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATO2815TFES Datasheet(PDF) 6 Page - International Rectifier

Part # ATO2815TFES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATO2815TFES Datasheet(HTML) 6 Page - International Rectifier

  ATO2815TFES Datasheet HTML 1Page - International Rectifier ATO2815TFES Datasheet HTML 2Page - International Rectifier ATO2815TFES Datasheet HTML 3Page - International Rectifier ATO2815TFES Datasheet HTML 4Page - International Rectifier ATO2815TFES Datasheet HTML 5Page - International Rectifier ATO2815TFES Datasheet HTML 6Page - International Rectifier ATO2815TFES Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.irf.com
ATO28XXT Series
Pin Designation
Mechanical Outlines
Flanged
Non-Flanged
2.700
Max
2.360
1.350
Max
1.95
0.500
Max
0.05
0.040 D X
0.26 L Pins
4 X 0.400
=1.600
1.950
Max
0.500
Max
1.350
Max
1.000
Pin #
Designation
1
+ Input
2
+5V Output
3
Output Return
4
- Dual Output
5
+ Dual Output
6NC
7
Case Ground
8
Enable Input
9NC
10
Input Return


Similar Part No. - ATO2815TFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATO2815TF/CH IRF-ATO2815TF/CH Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2815TF/ES IRF-ATO2815TF/ES Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2815TF/HB IRF-ATO2815TF/HB Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ATO2815TFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com