Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU440 Datasheet(PDF) 2 Page - Calogic, LLC

Part # XU440
Description  N-Channel JFET Monolithic Dual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

XU440 Datasheet(HTML) 2 Page - Calogic, LLC

  XU440 Datasheet HTML 1Page - Calogic, LLC XU440 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U440 / U441
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC unless otherwise noted)
Parameter/Test Condition
Symbol
Limit
Unit
Gate-Drain Voltage
VGD
-25
V
Gate-Source Voltage
VGS
-25
V
Gate-Gate Voltage
VGG
±50
V
Forward Gate Current
IG
50
mA
Power Dissipation
(per side)
PD
250
mW
(total)
350
mW
Power Derating
(per side)
2
mW/
oC
(total)
2.8
mW/
oC
Operating Junction Temperature
TJ
-55 to 150
oC
Storage Temperature
Tstg
-65 to 200
oC
Lead Temperature (1/16" from case for 10 seconds)
TL
300
oC
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise noted)
SYMBOL
CHARACTERISTCS
TYP
1
U440
U441
UNIT
TEST CONDITIONS
MIN
MAX
MIN
MAX
STATIC
V(BR)GSS
Gate-Source Breakdown Voltage
-35
-25
-25
V
IG = -1
µA, VDS = 0V
VGS(OFF)
Gate-Source Cut off Voltage
-3.5
-1
-6
-1
-6
VDS = 10V, ID = 1nA
IDSS
Saturation Drain Current
2
15
6
30630
mA
VDS = 10V, VGS = 0V
IGSS
Gate Reverse Current
-1
-500
-500
pA
VGS = -15V, VDS = 0V
-2
nA
TA = 150
oC
IG
Gate Operating Current
-1
-500
-500
pA
VDG = 10V, ID = 5mA
-0.3
nA
TA = 125
oC
VGS(F)
Gate-Source Forward Voltage
0.7
V
IG = 1mA, VDS = 0V
DYNAMIC
gfs
Common-Source Forward Transconductance
6
4.5
9
4.5
9
mS
VDG = 10V, ID = 5mA
f = 1kHz
gos
Common-Source Output Conductance
70
200
200
µS
Ciss
Common-Source Input Capacitance
3
pF
VDG = 10V, ID = 5mA
f = 1MHz
Crss
Common-Source Reverse Transfer Capacitance
1
en
Equivalent Input Noise Voltage
4
nV/ Hz
VDG = 10V, ID = 5mA
f = 10kHz
MATCHING
| VGS1-VGS2|
Differential Gate-Source Voltage
6
10
20
mV
VDG = 10V, ID = 5mA
∆ | VGS1-VGS2|
∆T
Gate-Source Voltage Differential Change with
Temperature
20
µV/ oC
T = -55 to 25
oC
VDG =10V,
ID = 5mA
20
T = 25 to 125
oC
IDSS1
IDSS2
Saturation Drain Current Ratio
0.97
VDS = 10V, VGS = 0V
gfs1
gfs2
Transconductance Ratio
0.97
VDG = 10V, ID = 5mA
f= 1 kHz
CMRR
Common Mode Rejection Ratio
85
dB
VDD = 5 to 10V, ID = 5mA
NOTES: 1. For design aid only, not subject to production testing.
2. Pulse test; PW = 300
µs, duty cycle ≤ 3%.


Similar Part No. - XU440

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
XU443 CALOGIC-XU443 Datasheet
25Kb / 2P
   N-Channel JFET Monolithic Dual
XU444 CALOGIC-XU444 Datasheet
25Kb / 2P
   N-Channel JFET Monolithic Dual
More results

Similar Description - XU440

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS3954_SOT-23 MICROSS-LS3954_SOT-23 Datasheet
280Kb / 1P
   Monolithic Dual N-Channel JFET
LS3956_TO-71 MICROSS-LS3956_TO-71 Datasheet
295Kb / 1P
   Monolithic Dual N-Channel JFET
LS3956_TO-78 MICROSS-LS3956_TO-78 Datasheet
295Kb / 1P
   Monolithic Dual N-Channel JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com