Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASA2800S Datasheet(PDF) 3 Page - International Rectifier

Part # ASA2800S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA2800S Datasheet(HTML) 3 Page - International Rectifier

  ASA2800S Datasheet HTML 1Page - International Rectifier ASA2800S Datasheet HTML 2Page - International Rectifier ASA2800S Datasheet HTML 3Page - International Rectifier ASA2800S Datasheet HTML 4Page - International Rectifier ASA2800S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
ASA28XXS Series
Notes to Specifications
1.
Parameter guaranteed and measured during line and load regulation tests.
2.
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
3.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess
of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
4.
Parameter shall be tested as part of design characterization and after design or process changes.
5.
An overload is that condition of load in excess of rated load but less than that necessary to trigger the short circuit protection
and is the condition of maximum power dissipation.
6.
Load step transition time between 2
µs and 10µs.
7.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
8.
Input step transition time between 2
µs and 10µs.
9.
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 2) while power is applied to the input.
Block Diagram
Controller
Error
Amplifier
1
2
8
6
7
5
Case
Output
Return
+Output
Inhibit
Input
Return
+Input
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-94629
ASA2805S
5962-94630
ASA2815S
5962-94631
ASA2812S


Similar Part No. - ASA2800S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ASA2800S IRF-ASA2800S_15 Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ASA2800S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com