Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL5015DYHB Datasheet(PDF) 2 Page - International Rectifier

Part # AFL5015DYHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5015DYHB Datasheet(HTML) 2 Page - International Rectifier

  AFL5015DYHB Datasheet HTML 1Page - International Rectifier AFL5015DYHB Datasheet HTML 2Page - International Rectifier AFL5015DYHB Datasheet HTML 3Page - International Rectifier AFL5015DYHB Datasheet HTML 4Page - International Rectifier AFL5015DYHB Datasheet HTML 5Page - International Rectifier AFL5015DYHB Datasheet HTML 6Page - International Rectifier AFL5015DYHB Datasheet HTML 7Page - International Rectifier AFL5015DYHB Datasheet HTML 8Page - International Rectifier AFL5015DYHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
AFL50XXD Series
Specifications
Static Characteristics -55°C < T
CASE < +125°C, 30V< VIN < 80V unless otherwise specified.
For Notes to Specifications, refer to page 4
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
30
50
80
V
OUTPUT VOLTAGE
AFL5005D
AFL5012D
AFL5015D
AFL5005D
AFL5012D
AFL5015D
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 50 Volts, 100% Load
Positive Output
Negative Output
Positive Output
Negative Output
Positive Output
Negative Output
Positive Output
Negative Output
Positive Output
Negative Output
Positive Output
Negative Output
4.95
-5.05
11.88
-12.12
14.85
-15.15
4.90
-5.10
11.76
-12.24
14.70
-15.30
5.00
-5.00
12.00
-12.00
15.00
-15.00
5.05
-4.95
12.12
-11.88
15.15
-14.85
5.10
-4.90
12.24
-11.76
15.30
-14.70
V
OUTPUT CURRENT
AFL5005D
AFL5012D
AFL5015D
VIN = 30, 50, 80 Volts - Notes 6, 11
Either Output
Either Output
Either Output
12.8
6.4
5.3
A
OUTPUT POWER
AFL5005D
AFL5012D
AFL5015D
Total of Both Outputs. Notes 6,11
80
96
100
W
MAXIMUM CAPACITIVE LOAD
Each Output Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 50 Volts, 100% Load - Notes 1, 6
-0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
Line
Load
Cross
AFL5005D
AFL5012D
AFL5015D
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
Note 10
No Load, 50% Load, 100% Load
VIN = 30, 50, 80 Volts.
VIN = 30, 50, 80 Volts. Note 12
Positive Output
Negative Output
Positive Output
Negative Output
Positive Output
Negative Output
-0.5
-1.0
-1.0
-8.0
-1.0
-5.0
-1.0
-5.0
+0.5
+1.0
+1.0
+8.0
+1.0
+5.0
+1.0
+5.0
%


Similar Part No. - AFL5015DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5015DYHB IRF-AFL5015DYHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5015DYHB IRF-AFL5015DYHB Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5015DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com