Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL5009SWHB Datasheet(PDF) 3 Page - International Rectifier

Part # AFL5009SWHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5009SWHB Datasheet(HTML) 3 Page - International Rectifier

  AFL5009SWHB Datasheet HTML 1Page - International Rectifier AFL5009SWHB Datasheet HTML 2Page - International Rectifier AFL5009SWHB Datasheet HTML 3Page - International Rectifier AFL5009SWHB Datasheet HTML 4Page - International Rectifier AFL5009SWHB Datasheet HTML 5Page - International Rectifier AFL5009SWHB Datasheet HTML 6Page - International Rectifier AFL5009SWHB Datasheet HTML 7Page - International Rectifier AFL5009SWHB Datasheet HTML 8Page - International Rectifier AFL5009SWHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
AFL50XXS Series
Static Characteristics (Continued)
For Notes to Specifications, refer to page 4
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT CURRENT
No Load
Inhibit 1
Inhibit 2
1
2, 3
1, 2, 3
1, 2, 3
VIN = 50 Volts
IOUT = 0
Pin 4 Shorted to Pin 2
Pin 12 Shorted to Pin 8
50
60
5.0
5.0
mA
INPUT RIPPLE CURRENT
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 50 Volts, 100% Load, BW = 10MHz
60
60
60
60
60
60
mApp
CURRENT LIMIT POINT
As a percentage of full rated load
1
2
3
VOUT = 90% VNOM , VIN = 50 Volts
Note 5
115
105
125
125
115
140
%
LOAD FAULT POWER DISSIPATION
Overload or Short Circuit
1, 2, 3
VIN = 50 Volts
32
W
EFFICIENCY
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 50 Volts, 100% Load
78
79
80
81
82
82
81
82
83
84
85
84
%
ENABLE INPUTS (Inhibit Function)
Converter Off
Sink Current
Converter On
Sink Current
1, 2, 3
1, 2, 3
Logical Low on Pin 4 or Pin 12
Note 1
Logical High on Pin 4 and Pin 12 - Note 9
Note 1
-0.5
2.0
0.8
100
50
100
V
µA
V
µA
SWITCHING FREQUENCY
1, 2, 3
500
550
600
KHz
SYNCHRONIZATION INPUT
Frequency Range
Pulse Amplitude, Hi
Pulse Amplitude, Lo
Pulse Rise Time
Pulse Duty Cycle
1, 2, 3
1, 2, 3
1, 2, 3
Note 1
Note 1
500
2.0
-0.5
20
700
10
0.8
100
80
KHz
V
V
ns
%
ISOLATION
1
Input to Output or Any Pin to Case
(except Pin 3). Test @ 500VDC
100
M
DEVICE WEIGHT
Slight Variations with Case Style
85
g
MTBF
MIL-HDBK-217F, AIF @ TC = 40°C
300
KHrs


Similar Part No. - AFL5009SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5009SWHB IRF-AFL5009SWHB Datasheet
221Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5009SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com