Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARH2805R2DCK Datasheet(PDF) 4 Page - International Rectifier

Part # ARH2805R2DCK
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805R2DCK Datasheet(HTML) 4 Page - International Rectifier

  ARH2805R2DCK Datasheet HTML 1Page - International Rectifier ARH2805R2DCK Datasheet HTML 2Page - International Rectifier ARH2805R2DCK Datasheet HTML 3Page - International Rectifier ARH2805R2DCK Datasheet HTML 4Page - International Rectifier ARH2805R2DCK Datasheet HTML 5Page - International Rectifier ARH2805R2DCK Datasheet HTML 6Page - International Rectifier ARH2805R2DCK Datasheet HTML 7Page - International Rectifier ARH2805R2DCK Datasheet HTML 8Page - International Rectifier ARH2805R2DCK Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
ARH28XXS Series
28V Input, Single Output
Electrical Performance -55°C < T
CASE < +125°C, VIN = 28V±5%, CL = 0 unless otherwise specified. (Continued)
Parameter
Symbol
Test Conditions
Limit
MIN
Limit
MAX
Units
Recovery time from step line
changes
Notes 7, 9, 10
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
TTLN
IOUT = IMAX, VIN = 18 V to/from 50 V
600
600
700
700
320
400
µs
Turn on overshoot
VOS
IOUT = 10% or 100% of IMAX
5.0
%Vout
Turn on delay Note 11
TDLY
IOUT = 10% or 100% of IMAX
2.0
20
ms
Capacitive load Notes 6, 7
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
CL
No effect on DC performance
1200
1200
1000
1000
180
120
µF
Isolation
ISO
500VDC Input to Output or any pin to case
100
M
Recovery from a short circuit
Vr
Output shorted, then open into max rated load
current. Vin = 28 V
10
% of
Rated
Output
Voltage
Overload Trip Current
Ovld
Maximum current at specified output voltage
105
135
% of
Max
Output
Current
Notes to Specifications Tables
1.
Operation outside absolute maximum/minimum limits may cause permanent damage to the device. Extended operation at the
limits may permanently degrade performance and affect reliability.
2.
Device performance specified in Electrical Performance table is guaranteed when operated within recommended limits. Operation
outside recommended limits is not specified.
3.
Parameter measured from 28V to 18V or to 50V while load remains fixed at 10%, 50% and 100% of Imax.
4.
Parameter measured from 50% to 10% or 100% of maximum load conditions while line remains fixed at 18, 28 or 50 volts.
5.
Guaranteed for a bandwidth of DC to 20 MHz. Tested using a 20 KHz to 2.0 MHz bandwidth.
6.
A capacitive load of any value from 0 to the specified maximum is permitted without compromise to DC performance. A
capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s short circuit protection,
causing erratic behavior during turn on.
7.
Parameter is tested as part of design characterization or after design or process changes. Thereafter, parameters shall be
guaranteed to the limits specified in the table.
8.
Load transient rate of change, di/dt
≤ 2.0 A/µs.
9.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of its steady state value.
10. Line transient rate of change, dv/dt
≤ 50 V/µs.
11. Turn on delay time is for either a step application of input power or a logical low to high transition on the enable pin (pin 3) while
power is present at the input.


Similar Part No. - ARH2805R2DCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2805R2S IRF-ARH2805R2S Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - ARH2805R2DCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3H280512T IRF-M3H280512T Datasheet
132Kb / 8P
   HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com