Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARH2812SCK Datasheet(PDF) 11 Page - International Rectifier

Part # ARH2812SCK
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2812SCK Datasheet(HTML) 11 Page - International Rectifier

Back Button ARH2812SCK Datasheet HTML 4Page - International Rectifier ARH2812SCK Datasheet HTML 5Page - International Rectifier ARH2812SCK Datasheet HTML 6Page - International Rectifier ARH2812SCK Datasheet HTML 7Page - International Rectifier ARH2812SCK Datasheet HTML 8Page - International Rectifier ARH2812SCK Datasheet HTML 9Page - International Rectifier ARH2812SCK Datasheet HTML 10Page - International Rectifier ARH2812SCK Datasheet HTML 11Page - International Rectifier ARH2812SCK Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
ARH28XXS Series
28V Input, Single Output
Mechanical Outline
Pin Designation
Pin #
Designation
1
+ Input
2
Input Return
3
Enable
4Sync In
5Sync Out
8
Chassis
9
-Sense
10
+Sense
11
+V Output
12
+V Output
13
Output Return
14
Output Return
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-04232
ARH2805S
5962-04233
ARH2803R3S
Note:
1. Dimensions are in inches.
2. Base Plate Mounting Plane Flatness 0.003 maximum.
3. Unless otherwise specified, tolerances are
= ± 2°
.XX
= ± .01
.XXX
= ± .005
4. Device Weight - 120 grams maximum.
0.138
6 X 0.200
=1.200
0.050
0.500 MAX.
)/$1*(
3.25 REF.
MAX
02817,1*
3/$1(
1.675 2.200
0.300
2.400
2.700
1.950
1.40
0.275 MAX.
0.150
0.375
0.040
PIN DIA.
Ø 0.136 – 6 HOLES














Similar Part No. - ARH2812SCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2812S IRF-ARH2812S Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2812S IRF-ARH2812S Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2812S/CK IRF-ARH2812S/CK Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2812S/EM IRF-ARH2812S/EM Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
More results

Similar Description - ARH2812SCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3H280512T IRF-M3H280512T Datasheet
132Kb / 8P
   HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com