Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP2815DZES Datasheet(PDF) 2 Page - International Rectifier

Part # AHP2815DZES
Description  HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2815DZES Datasheet(HTML) 2 Page - International Rectifier

  AHP2815DZES Datasheet HTML 1Page - International Rectifier AHP2815DZES Datasheet HTML 2Page - International Rectifier AHP2815DZES Datasheet HTML 3Page - International Rectifier AHP2815DZES Datasheet HTML 4Page - International Rectifier AHP2815DZES Datasheet HTML 5Page - International Rectifier AHP2815DZES Datasheet HTML 6Page - International Rectifier AHP2815DZES Datasheet HTML 7Page - International Rectifier AHP2815DZES Datasheet HTML 8Page - International Rectifier AHP2815DZES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
AHP28XXS Series
Specifications
Static Characteristics -55°C < T
CASE < +125°C, 16V< VIN < 40V unless otherwise specified.
For Notes to Specifications, refer to page 4
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature - Operating
Case Temperature - Storage
-55°C to +125°C
-65°C to +135°C
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
16
28
40
V
OUTPUT VOLTAGE
AHP2803R3S
AHP2805S
AHP2808S
AHP2809S
AHP2812S
AHP2815S
AHP2828S
AHP2803R3S
AHP2805S
AHP2808S
AHP2809S
AHP2812S
AHP2815S
AHP2828S
1
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 28V, 100% Load
3.27
4.95
7.92
8.91
11.88
14.85
27.72
3.23
4.90
7.84
8.82
11.76
14.70
27.44
3.30
5.00
8.00
9.00
12.00
15.00
28.00
3.33
5.05
8.08
9.09
12.12
15.15
28.28
3.37
5.10
8.16
9.18
12.24
15.30
28.56
V
OUTPUT CURRENT
AHP2803R3S
AHP2805S
AHP2808S
AHP2809S
AHP2812S
AHP2815S
AHP2828S
VIN = 16, 28, 40V - Note 6
20
16
10
10
9.0
8.0
4.0
A
OUTPUT POWER
AHP2803R3S
AHP2805S
AHP2808S
AHP2809S
AHP2812S
AHP2815S
AHP2828S
Note 6
66
80
80
90
108
120
112
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 28V, 100% Load – Notes 1, 6
-0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AHP2828S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 16, 28, 40V
-70
-20
-1.0
+70
+20
+1.0
mV
mV
%
OUTPUT RIPPLE VOLTAGE
AHP2803R3S
AHP2805S
AHP2808S
AHP2809S
AHP2812S
AHP2815S
AHP2828S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 16, 28, 40V, 100% Load,
BW = 10MHz
30
30
40
40
45
50
100
mVpp


Similar Part No. - AHP2815DZES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP2815DZES IRF-AHP2815DZES Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
More results

Similar Description - AHP2815DZES

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com