Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHV2805TFCH Datasheet(PDF) 1 Page - International Rectifier

Part # AHV2805TFCH
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV2805TFCH Datasheet(HTML) 1 Page - International Rectifier

  AHV2805TFCH Datasheet HTML 1Page - International Rectifier AHV2805TFCH Datasheet HTML 2Page - International Rectifier AHV2805TFCH Datasheet HTML 3Page - International Rectifier AHV2805TFCH Datasheet HTML 4Page - International Rectifier AHV2805TFCH Datasheet HTML 5Page - International Rectifier AHV2805TFCH Datasheet HTML 6Page - International Rectifier AHV2805TFCH Datasheet HTML 7Page - International Rectifier AHV2805TFCH Datasheet HTML 8Page - International Rectifier AHV2805TFCH Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
12/13/06
www.irf.com
1
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
AHV28XX SERIES
Description
n 80V Transient Input (100 msec max.)
n 50V DC Input (Continous)
n 16V to 40V DC Input Range
n Single, Dual and Triple Outputs
n 15W Output Power
(No Temperature Derating)
n Low Input / Output Noise
n Full Military Temperature Range
n Wideband PWM Control Loop
n Magnetic Feedback
n Low Profile Hermetic Package (0.405”)
n Short Circuit and Overload Protection
n Constant Switching Frequency (500KHz)
n True Hermetic Package (Parallel Seam
Welded, Ceramic Pin Feedthru)
n Standard Microcircuit Drawings Available
Features
AHV
28V Input, Single, Dual and Triple Output
The AHV Series of DC/DC converters are designed to
replace the AHE/ATO family of converters in applications
requiring compliance to MIL-STD-704A through E, in
particular the input surge requirement of 80V specified to
withstand transient input voltage of 80V. No input voltage
or output power derating is necessary over the full military
temperature range.
These converters are packaged in an extremely rugged,
low profile package that meets all requirements of MIL-
STD-883 and MIL-PRF-38534. Parallel seam weld sealing
and the use of ceramic pin feed thru seals assure long
term hermeticity after exposure to extended temperature
cycling.
The basic circuit is a push-pull forward topology using
power MOSFET switches. The nominal switching
frequency is 500KHz. A unique current injection circuit
assures current balancing in the power switches. All AHV
series converters use a single stage LC input filter to
attenuate input ripple current. A low power 11.5V series
regulator provides power to an epitaxial CMOS custom
pulse width modulator integrated circuit. This single
integrated circuit provides all PWM primary circuit
functions. Power is transferred from primary to secondary
through a ferrite core power transformer. An error voltage
signal is generated by comparing a highly stable reference
voltage with the converter output voltage and drives the
PWM through a unique wideband magnetic feedback
circuit. This proprietary feedback circuit provides an
extremely wide bandwidth, high gain control loop, with
high phase margin. The feedback control loop gain is
insensitive to temperature, radiation, aging, and variations
in manufacturing. The transfer function of the feedback
circuit is a function of the feedback transformer turns ratio
which cannot change when subjected to environmental
extremes.
Manufactured in a facility fully qualified to MIL-PRF-38534,
these converters are fabricated utilizing DSCC qualified
processes. For available screening options, refer to device
screening table in the data sheet. Variations in electrical,
mechanical and screening can be accommodated.
Contact IR Santa Clara for special requirements.
PD-94583A


Similar Part No. - AHV2805TFCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHV2805TFCH IRF-AHV2805TFCH Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AHV2805TFCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com