Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHE2812SFHB-SLV Datasheet(PDF) 4 Page - International Rectifier

Part # AHE2812SFHB-SLV
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2812SFHB-SLV Datasheet(HTML) 4 Page - International Rectifier

  AHE2812SFHB-SLV Datasheet HTML 1Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 2Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 3Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 4Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 5Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 6Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 7Page - International Rectifier AHE2812SFHB-SLV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
AHE28XXS Series
Specifications
Notes to Specifications
1.
Above +125
°C case temperature, derate output power linearly to 0 at 135°C case.
2.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0% of VOUT at 50% load.
See typical waveforms.
3.
Turn-on delay time measurement is for either an application of power at the input or a signal at the shutdown pin.
4.
For operation at 16VDC, derate output power by 33%.
5.
An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
T
CASE = -55°C to +105°C, VIN = +28V ± 5% unless otherwise specified
Input Voltage
1
-0.5V to +50VDC
Power Output
Soldering Temperature 300°C for 10 seconds
Temperature Range
1
Operating Temperature
-55°C to +125°C
Storage Case Temperature -65°C to +135°C
Absolute Maximum Ratings
Internally limited, 17.5W typ. for AHE2805S/HB & CH, 22.5W typ. for AHE281XS/HB & CH
Parameter
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%,CL = 0
Unless otherwise specified
AHE2805S/HB&CH
AHE2812S/HB&CH
AHE2815S/HB&CH
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Static Characteristic
OUTPUT
Voltage
Current
Ripple
Accuracy
Power
1
VIN=17 to 40 VDC
IOUT=0 to Full Load
Full Load, DC to 1MHz
TCASE = 25°C, IOUT = 0
4.90
0.0
4.95
15
5.00
20
5.00
5.10
3000
60
5.05
11.76
0.0
11.88
20
12.00
30
12.00
12.24
1667
60
12.12
14.70
0.0
14.85
20
15.00
30
15.00
15.30
1333
60
15.15
VDC
mADC
mVp-p
VDC
W
REGULATION
Line
Load
VIN = 17 to 40 VDC
TCASE = 25
°C
IOUT = 0 to Full Load
10
5.0
50
50
30
120
50
35
150
mV
INPUT
Voltage Range4
Current
Ripple Current
Inhibited
No Load
Full Load
17
28
8.0
20
40
18
35
50
17
28
8.0
25
40
18
35
50
17
28
8.0
25
40
18
35
50
VDC
mADC
mADC
mV p-p
Efficiency
TCASE = +25
°C
80
82
80
83
80
84
%
Capacitive Load
No effect on performance
500
1000
200
1000
200
1000
µF
Load fault power
dissipation
5
Short Circuit TC =25
°C
Overload TC = 25°C
4.5
6.0
4.5
6.0
4.5
6.0
W
Isolation
Input to Output @ 500Vdc
100
100
100
M
Dynamic
Characteristic
Step Load Changes
Output TC =25
°C
Transient
50% Load 100% Load
No Load 50% Load
±150
-300
±300
-500
±200
-400
±300
-500
±200
-400
±300
-500
mVpk
mVpk
50% Load No Load
+300
+500
+400
+500
+400
+500
mVpk
Recovery2
50% Load 100% Load
No Load 50% Load
50% Load No Load
25
100
70
200
5.0
25
500
70
1500
5.0
25
500
70
1500
5.0
µs
µs
ms
Step Line Changes
Output TC = 25°C
Transient
Recovery
2
Input step 17 to 40VDC
Input step 40 to 17VDC
Input step 17 to 40VDC
Input step 40 to 17VDC
+180
-600
400
400
+300
1000
800
800
+180
-600
400
400
+500
-1500
800
800
+180
-600
400
400
+500
-1500
800
800
mVpk
mVpk
µs
µs
TURN –ON
Overshoot
Delay
3
VIN = 17 to 40VDC
IOUT = 0 to Full Load
0
8.0
550
10
300
8.0
600
10
300
8.0
500
10
mVpk
ms
Load Fault Recovery
4
VIN = 17 to 40VDC
8.0
10
8.0
10
8.0
10
ms
Weight
Standard Package
Flange Package
55
58
55
58
55
58
g


Similar Part No. - AHE2812SFHB-SLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE2812SF/CH-MSTR IRF-AHE2812SF/CH-MSTR Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812SF/CH-SLV IRF-AHE2812SF/CH-SLV Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812SF/ES-MSTR IRF-AHE2812SF/ES-MSTR Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812SF/ES-SLV IRF-AHE2812SF/ES-SLV Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812SF/HB-MSTR IRF-AHE2812SF/HB-MSTR Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AHE2812SFHB-SLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com