Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMA2815DCH Datasheet(PDF) 5 Page - International Rectifier

Part # AMA2815DCH
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2815DCH Datasheet(HTML) 5 Page - International Rectifier

  AMA2815DCH Datasheet HTML 1Page - International Rectifier AMA2815DCH Datasheet HTML 2Page - International Rectifier AMA2815DCH Datasheet HTML 3Page - International Rectifier AMA2815DCH Datasheet HTML 4Page - International Rectifier AMA2815DCH Datasheet HTML 5Page - International Rectifier AMA2815DCH Datasheet HTML 6Page - International Rectifier AMA2815DCH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
AMA28XXD Series
Block Diagram
Application Information
Inhibit Function (Enable)
Connecting the enable input (Pin 5) to input common
(Pin 7) will cause the converter to shut down. It is
recommended that the enable pin be driven by an
open collector device capable of sinking at least 400
µA of current. The open circuit voltage of the inhibit
input is 10 +1.0 VDC.
An optional EMI filter is available (ASF461 or AFH461)
will reduce the input ripple current to levels below the
limits imposed by MIL-STD-461 CE03.
EMI Filter
Thermal Considerations
Irrespective of the fact that the AMA28XXD series
of converters are relatively low power devices and
are designed to provide efficient voltage
conversion, there will be some heat generated
during normal operation. To avoid a continuous
thermal rise that may eventually exceed the
maximum case temperature rating and to maintain
a safe operating environment for the internal
components, these converters should be attached
to a heat conducting surface allowing a continuous
flow of the heat away from the base plate. This
becomes more important when operating in the near
vacuum environment of space which provides no
alternate heat radiating path.
Radiation Specification
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
KRads
(Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
MeV
•cm2
/mg
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
Controller
Error
Amplifier
1
2
8
6
7
5
Case
Output
Return
+Output
Enable
Input
Return
+Input
3
-Output
CS
Housekeeping
Supply


Similar Part No. - AMA2815DCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA2815DCH IRF-AMA2815DCH Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - AMA2815DCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com