Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL27003R3SZCH Datasheet(PDF) 2 Page - International Rectifier

Part # AFL27003R3SZCH
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27003R3SZCH Datasheet(HTML) 2 Page - International Rectifier

  AFL27003R3SZCH Datasheet HTML 1Page - International Rectifier AFL27003R3SZCH Datasheet HTML 2Page - International Rectifier AFL27003R3SZCH Datasheet HTML 3Page - International Rectifier AFL27003R3SZCH Datasheet HTML 4Page - International Rectifier AFL27003R3SZCH Datasheet HTML 5Page - International Rectifier AFL27003R3SZCH Datasheet HTML 6Page - International Rectifier AFL27003R3SZCH Datasheet HTML 7Page - International Rectifier AFL27003R3SZCH Datasheet HTML 8Page - International Rectifier AFL27003R3SZCH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
AFL2803R3S
Specifications
Electrical Performance Characteristics -55°C < T
CASE < +125°C, 16V< VIN < 40V unless otherwise specified.
For Notes to Specifications, refer to page 3
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
16
28
40
V
OUTPUT VOLTAGE
1
2, 3
VIN = 28 Volts, 100% Load
3.27
3.23
3.30
3.33
3.37
V
OUTPUT CURRENT
VIN = 16, 28, 40 Volts,, Note 6
20
A
OUTPUT POWER
Note 6
66
W
MAXIMUM CAPACITIVE LOAD
4
Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 28 Volts, 100% Load
Note 1, 6
-0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
Line
Load
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 16, 28, 40 Volts,
-20
-35
+20
+35
mV
OUTPUT RIPPLE VOLTAGE
1, 2, 3
VIN = 16, 28, 40 Volts,, 100% Load,
BW = 10MHz
30
mVpp
INPUT CURRENT
No Load
Inhibit 1
Inhibit 2
1
2, 3
1, 2, 3
1, 2, 3
VIN = 28 Volts,
IOUT = 0
Pin 4 Shorted to Pin 2
Pin 12 Shorted to Pin 8
80
100
5.0
50
mA
INPUT RIPPLE CURRENT
1, 2, 3
VIN = 28 Volts, 100% Load
B.W. = 10MHz
60
mApp
CURRENT LIMIT POINT
Expressed as a Percentage
of Full Rated Load
1
2
3
VOUT = 90% VNOM
Note 5
115
105
125
125
115
140
%
LOAD FAULT POWER DISSIPATION
Overload or Short Circuit
1, 2, 3
VIN = 28 Volts,
33
W
EFFICIENCY
1, 2, 3
VIN = 28 Volts, 100% Load
72
74
%
SWITCHING FREQUENCY
1, 2, 3
500
550
600
KHz
ISOLATION
1
Input to Output or Any Pin to Case
(except Pin 3). Test @ 500VDC
100
M
MTBF
MIL-HDBK-217F, AIF @ TC = 40°C
300
KHrs


Similar Part No. - AFL27003R3SZCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27003R3SZCH IRF-AFL27003R3SZCH Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27003R3SZCH IRF-AFL27003R3SZCH Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27003R3SZCH IRF-AFL27003R3SZCH Datasheet
165Kb / 10P
   HIGH RELIABILITY HYBRID DC/DC CONVERTER
More results

Similar Description - AFL27003R3SZCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com