Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMA2815S Datasheet(PDF) 3 Page - International Rectifier

Part # AMA2815S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2815S Datasheet(HTML) 3 Page - International Rectifier

  AMA2815S Datasheet HTML 1Page - International Rectifier AMA2815S Datasheet HTML 2Page - International Rectifier AMA2815S Datasheet HTML 3Page - International Rectifier AMA2815S Datasheet HTML 4Page - International Rectifier AMA2815S Datasheet HTML 5Page - International Rectifier AMA2815S Datasheet HTML 6Page - International Rectifier AMA2815S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
AMA28XXS Series
Static Characteristics (Continued) -55°C ≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
For Notes to Specifications, refer to page 4
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Input Current
No Load
Inhibit
1, 2, 3
1, 2, 3
Vin = 28V,
Iout = 0, Inhibit (pin 5) = open
Inhibit (pin 5) shorted to input
return (pin 7)
20
8.0
50
12
mA
Input Ripple Current
2
1, 2, 3
Vin = 16, 28, 40 Volts, 100%
load, BW = 20 Hz to 2 MHz
100
mAPP
Efficiency
AMA2805S
AMA2812S
AMA2815S
AMA2805S
AMA2812S
AMA2815S
1, 3
1, 3
1, 3
2
2
2
100% load
66
71
71
66
68
68
%
Isolation
1
Input to output or any pin to case
(except pin 8) at 500Vdc
100
M
Capacitive Load
3, 4
AMA2805S
AMA2812S
AMA2815S
4
No effect on dc performance
500
100
100
µF
Short Circuit Power Dissipation
1, 2, 3
4.0
W
MTBF
MIL-HDBK-217F, SF @Tc=35°C
700
Khrs
Weight
32
g


Similar Part No. - AMA2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA2815S IRF-AMA2815S Datasheet
64Kb / 7P
   RADIATION TOLERANT DC/DC CONVERTERS
logo
List of Unclassifed Man...
AMA2815S ETC2-AMA2815S Datasheet
25Kb / 2P
   Radiation Tolerant DC/DC Converters
logo
International Rectifier
AMA2815S IRF-AMA2815S Datasheet
248Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2815S/CH IRF-AMA2815S/CH Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2815S/CH IRF-AMA2815S/CH Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com