Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHV2812S Datasheet(PDF) 3 Page - International Rectifier

Part # AHV2812S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV2812S Datasheet(HTML) 3 Page - International Rectifier

  AHV2812S Datasheet HTML 1Page - International Rectifier AHV2812S Datasheet HTML 2Page - International Rectifier AHV2812S Datasheet HTML 3Page - International Rectifier AHV2812S Datasheet HTML 4Page - International Rectifier AHV2812S Datasheet HTML 5Page - International Rectifier AHV2812S Datasheet HTML 6Page - International Rectifier AHV2812S Datasheet HTML 7Page - International Rectifier AHV2812S Datasheet HTML 8Page - International Rectifier AHV2812S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
AHV28XX Series
For Notes to Specifications, refer to page 5
Specifications (Dual Output Models)
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
Input voltage
-0.5V to +50VDC (Continous), 80V (100 msec)
Power output
Internally limited, 17.5W typical
Soldering temperature
300°C for 10 seconds (1 pin at a time)
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
AHV2805D
AHV2812
AHV281D
TEST
SYMBOL
Condition
-55
°C ≤ TC ≤ +125°C,
VIN = 28 VDC ±5%, CL=0,
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Min
Max
Units
STATIC
CHARACTERISTICS
OUTPUT
Voltage 1
VOUT
IOUT = 0
1
2,3
±4.95
±4.90
±5.05
±5.10
±11.88
±11.76
±12.12
±12.24
±14.85
±14.70
±15.15
±15.30
V
V
Current 1,2
IOUT
VIN = 16, 28, and 40 VDC
1,2,3
0.0
±1500
0.0
±625
0.0
±500
mA
Ripple Voltage 1,3
VRIP
VIN = 16, 28, and 40 VDC
1,2,3
60
60
60
mVp-p
BW = DC to 2 MHz
Power 1,2,4
POUT
VIN = 16, 28, and 40 VDC
1,2,3
15
15
15
W
REGULATION
Line 1,5
Load 1
VRLINE
IOUT
VRLOAD
VIN = 16, 28, and 40 VDC
IOUT = 0, half load and full load
VIN = 16, 28, and 40 VDC
IOUT = 0, half load and full load
1
2,3
1,2,3
30
60
120
30
60
120
35
75
150
mV
INPUT
Current
Ripple Current 3
IIN
IRIP
IOUT = 0, Inhibit (pin 2)
Tied to input return (pin 10)
IOUT = 0, Inhibit (pin 2) = Open
IOUT = Full load
BW = DC to 2MHz
1,2,3
1,2,3,
18
65
50
18
65
50
18
65
50
mA
mA
mAp-p
EFFICIENCY
EFF
IOUT = Full Load
TC = +25°C
1
72
72
72
%
ISOLATION
ISO
Input to output or any pin to
case (except pin 8) at 500 VDC,
TC = +25
°C
1
100
100
100
M
Capacitive Load 6,7
CL
No effect on DC performance
TC = +25
°C
4
200
200
200
µF
Load Fault
Power Dissipation
PD
Overload, TC = +25
°C 8
Short Circuit, TC = +25
°C
1
8,5
8.5
8,5
8.5
8.5
8.5
W
Switching Frequency
FS
IOUT = Full Load
4
450
550
450
550
450
550
KHz
DYNAMIC
CHARACTERISTICS
Step Load Changes
Output Transient 9
Recovery 9,10
VOTLOAD
TTLOAD
50% Load 135 100% Load
No Load 135 50%
50% Load 135 100%
No Load 335 50% Load
50% Load 335 No lLoad
4
4
4
4
4
-300
-500
+300
+500
70
200
5.0
-300
-500
+300
+500
70
1500
5.0
-300
-500
+300
+500
70
1500
5.0
mVpk
mVpk
µs
µs
ms
Step Line Changes
Output Transient 7,11
Recovery 7,10, 11
VOTLINE
TTLINE
Input step 16 to 40 VDC
Input step 40 to 16 VDC
Input step 16 to 40 VDC
Input step 40 to 16 VDC
4
4
4
4
300
1000
4800
4800
1200
-1500
4.0
4.0
1500
-1500
4.0
4.0
mVpk
mVpk
µs
µs
TURN-ON
Overshoot 1
Delay 1,12
VTonOS
T on D
IOUT = O and Full Load
IOUT = O and Full Load
4,5,6
4,5,6
550
10
600
10
600
10
mVpk
ms
Load Fault Recovery 7
TRLF
4,5,6
10
10
10
ms


Similar Part No. - AHV2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHV2812SF/CH IRF-AHV2812SF/CH Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
List of Unclassifed Man...
AHV2812SF/CH ETC1-AHV2812SF/CH Datasheet
112Kb / 8P
   Hybrid - High Reliability DC/DC Converters
logo
International Rectifier
AHV2812SF/ES IRF-AHV2812SF/ES Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV2812SF/HB IRF-AHV2812SF/HB Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV2812SFCH IRF-AHV2812SFCH Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AHV2812S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com