Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHF2803R3SFES Datasheet(PDF) 4 Page - International Rectifier

Part # AHF2803R3SFES
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2803R3SFES Datasheet(HTML) 4 Page - International Rectifier

  AHF2803R3SFES Datasheet HTML 1Page - International Rectifier AHF2803R3SFES Datasheet HTML 2Page - International Rectifier AHF2803R3SFES Datasheet HTML 3Page - International Rectifier AHF2803R3SFES Datasheet HTML 4Page - International Rectifier AHF2803R3SFES Datasheet HTML 5Page - International Rectifier AHF2803R3SFES Datasheet HTML 6Page - International Rectifier AHF2803R3SFES Datasheet HTML 7Page - International Rectifier AHF2803R3SFES Datasheet HTML 8Page - International Rectifier AHF2803R3SFES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
www.irf.com
AHF28XX Series
Specifications
For Notes to Specifications, refer to page 5
Table II. Electrical Performance Characteristics
AHF2805S
Input voltage
-0.5V to +50V
Soldering temperature
300°C for 10 seconds
O perating case temperature
-55°C to +125°C
Storage case tem perature
-65°C to +135°C
Absolute M axim um Ratings
Test
Symbol
Conditions
Group A
Device
Unit
-55°C
≤ Tc ≤ +125°C
Subgroups
Types
Vin = 28Vdc ±5%, CL = 0
Unless otherwise specified
Min
Max
1
4.95
5.05
2,3
4.90
5.10
Output current
1
IOUT
VIN = 16, 28, and 40Vdc
1,2,3
01
2400
mA
VIN = 16, 28, and 40Vdc,
B.W. = 20 Hz to 2MHz
VIN = 16, 28, and 40Vdc,
Line regulation
VRLINE Iout = 0%, 50% and 100%
1,2,3
01
25
mV
rated load
VIN = 16, 28, and 40Vdc,
Load regulation
VRLOAD IOUT = 0%, 50% and 100%
1,2,3
01
50
mV
rated load
IOUT = 0, inhibit (pin 1)
tied to input return (pin 7)
IOUT = 0,
inhibit (pin 1) = open
IOUT = 100% rated load
B.W. = 20 Hz to 2.0MHz
176
2,3
74
Input to output or any pin
Isolation
ISO
to case (except pin 6)
1
01
100
M
at 500Vdc, Tc = +25°C
No effect on dc performance,
Tc = +25°C
Power dissipation
Overload
5
101
6.0
load fault
Short circuit
1,2,3
01
2.0
Switching frequency
FS
IOUT = 100% rated load
4,5,6
01
500
600
KHz
Limits
50
30
IIN
1,2,3
1,2,3
Output voltage
VOUT
IOUT = 0
Output ripple voltage
2
VRIP
Input current
01
12
01
Capacitive load
3, 4
CL
4
01
V
01
60
mV p-p
mA
mA p-p
Efficiency
EFF
IOUT = 100% rated load
01
%
Input ripple current
2
IRIP
1,2,3
01
500
µF
PD
W


Similar Part No. - AHF2803R3SFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF2803D/CH IRF-AHF2803D/CH Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2803D/ES IRF-AHF2803D/ES Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2803D/HB IRF-AHF2803D/HB Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2803DF/CH IRF-AHF2803DF/CH Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2803DF/ES IRF-AHF2803DF/ES Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AHF2803R3SFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com