Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL12003R3SWHB Datasheet(PDF) 1 Page - International Rectifier

Part # AFL12003R3SWHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12003R3SWHB Datasheet(HTML) 1 Page - International Rectifier

  AFL12003R3SWHB Datasheet HTML 1Page - International Rectifier AFL12003R3SWHB Datasheet HTML 2Page - International Rectifier AFL12003R3SWHB Datasheet HTML 3Page - International Rectifier AFL12003R3SWHB Datasheet HTML 4Page - International Rectifier AFL12003R3SWHB Datasheet HTML 5Page - International Rectifier AFL12003R3SWHB Datasheet HTML 6Page - International Rectifier AFL12003R3SWHB Datasheet HTML 7Page - International Rectifier AFL12003R3SWHB Datasheet HTML 8Page - International Rectifier AFL12003R3SWHB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
12/12/06
www.irf.com
1
The AFL Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This device is offered as part of a complete family
of converters providing single and dual output voltages
originally created to operate over a broad input voltage
range of 28V to 270V with output power ranging from
66W to 120W. For applications requiring higher output
power, multiple converters can be operated in parallel.
The internal current sharing circuits assure equal current
distribution among the paralleled converters. This series
incorporates International Rectifier’s proprietary
magnetic pulse feedback technology providing optimum
dynamic line and load regulation response. This
feedback system samples the output voltage at the pulse
width modulator fixed clock frequency, nominally 550
KHz. Multiple converters can be synchronized to a system
clock in the 500KHz to 700KHz range or to the
synchronization output of one converter. Under voltage
lockout, primary and secondary referenced inhibit, soft
start and load fault protection are provided on all models.
Description
n 30V To 80V Input Range
n 3.3V Output
n High Power Density - 50W/in3
n 66W Output Power
n Parallel Operation with Stress and Current
Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feed thru Copper Core Pins
n High Efficiency - to 74%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 40dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
Features
AFL
50V Input, 3.3V Output
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated using International Rectifier’s
rugged ceramic lead-to-package seal assuring long term
hermeticity in the most harsh environments.
AFL5003R3S
PD - 94528C


Similar Part No. - AFL12003R3SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12003R3SWHB IRF-AFL12003R3SWHB Datasheet
194Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWHB IRF-AFL12003R3SWHB Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWHB IRF-AFL12003R3SWHB Datasheet
165Kb / 10P
   HIGH RELIABILITY HYBRID DC/DC CONVERTER
More results

Similar Description - AFL12003R3SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com