Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL283R3S Datasheet(PDF) 6 Page - International Rectifier

Part # AFL283R3S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL283R3S Datasheet(HTML) 6 Page - International Rectifier

Back Button AFL283R3S Datasheet HTML 2Page - International Rectifier AFL283R3S Datasheet HTML 3Page - International Rectifier AFL283R3S Datasheet HTML 4Page - International Rectifier AFL283R3S Datasheet HTML 5Page - International Rectifier AFL283R3S Datasheet HTML 6Page - International Rectifier AFL283R3S Datasheet HTML 7Page - International Rectifier AFL283R3S Datasheet HTML 8Page - International Rectifier AFL283R3S Datasheet HTML 9Page - International Rectifier AFL283R3S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
AFL2803R3S
for minor variations of either surface. While other available
types of heat conductive materials and compounds may
provide similar performance, these alternatives are often
less convenient and are frequently messy to use.
A conservative aid to estimating the total heat sink surface
area (AHEAT SINK) required to set the maximum case
temperature rise (
∆T) above ambient temperature is given
by the following expression:
A HEAT SINK
∆T
P
80
30
085
143
.
.
.
where
∆T
PP
Eff
OUT
=
==
Case temperature rise above ambient
Device dissipation in Watts
1
1
T = 85 - 25 = 60°C
()
P
=•
=•
=
120
1
83
1
120 0 205
24 6
.
.. W
and the required heat sink area is
A
=
60
80 24.6
in
HEAT SINK
0.85
−=
−143
2
30 71
.
.
From the Specification Table, the worst case full load
efficiency for this device is 83%; therefore the power
dissipation at full load is given by
Because of the incorporation of many innovative
technological concepts, the AFL series of converters is
capable of providing very high output power from a package
of very small volume. These magnitudes of power density
can only be obtained by combining high circuit efficiency
with effective methods of heat removal from the die junctions.
This requirement has been effectively addressed inside the
device; but when operating at maximum loads, a significant
amount of heat will be generated and this heat must be
conducted away from the case. To maintain the case
temperature at or below the specified maximum of 125°C,
this heat must be transferred by conduction to an
appropriate heat dissipator held in intimate contact with the
converter base-plate.
Because effectiveness of this heat transfer is dependent
on the intimacy of the baseplate/heatsink interface, it is
strongly recommended that a high thermal conductivity heat
transferance medium is inserted between the baseplate
and heatsink. The material most frequently utilized at the
factory during all testing and burn-in processes is sold under
the trade name of Sil-Pad
® 4001. This particular product
is an insulator but electrically conductive versions are also
available. Use of these materials assures maximum surface
contact with the heat dissipator thereby compensating
When operating in the shared mode, it is important that
symmetry of connection be maintained as an assurance of
optimum load sharing performance. Thus, converter outputs
should be connected to the load with equal lengths of wire of
the same gauge and sense leads from each converter should
be connected to a common physical point, preferably at the
load along with the converter output and return leads. All
converters in a paralleled set must have their share pins
connected together. This arrangement is diagrammatically
illustrated in Figure III. showing the outputs and sense pins
connected at a star point which is located close as possible
to the load.
As a consequence of the topology utilized in the current
sharing circuit, the share pin may be used for other functions.
In applications requiring a single converter, the voltage
appearing on the share pin may be used as a “current
monitor”. The share pin open circuit voltage is nominally
+1.00V at no load and increases linearly with increasing
output current to +2.20V at full load. The share pin voltage
is referenced to the output return pin.
Thus, a total heat sink surface area (including fins, if any) of
71 in2 in this example, would limit case rise to 60°C above
ambient. A flat aluminum plate, 0.25" thick and of approximate
dimension 4" by 9" (36 in2 per side) would suffice for this
application in a still air environment. Note that to meet the
criteria in this example, both sides of the plate require
unrestricted exposure to the ambient air.
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
As an example, it is desired to maintain the case temperature
of an AFL27015S at
≤ +85°C in an area where the ambient
temperature is held at a constant +25°C; then
Thermal Considerations


Similar Part No. - AFL283R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL283R3S IRF-AFL283R3S Datasheet
194Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL283R3SW-CH IRF-AFL283R3SW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL283R3SW-ES IRF-AFL283R3SW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL283R3SW-HB IRF-AFL283R3SW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL283R3SX-CH IRF-AFL283R3SX-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AFL283R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com