Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS1N6660CAT1 Datasheet(PDF) 4 Page - International Rectifier

Part # JANS1N6660CAT1
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANS1N6660CAT1 Datasheet(HTML) 4 Page - International Rectifier

  JANS1N6660CAT1 Datasheet HTML 1Page - International Rectifier JANS1N6660CAT1 Datasheet HTML 2Page - International Rectifier JANS1N6660CAT1 Datasheet HTML 3Page - International Rectifier JANS1N6660CAT1 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
22JGQ045, 1N6660CAT1
4
www.irf.com
Fig. 5 - Max. Allowable Case Temperature Vs.
Average Forward Current (Per Package)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
0.1
1
10
D = 0.4
D = 0.5
D = 0.2
D = 0.1
D = 0.3
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0
5
10
15
20
25
30
35
40
Average Forward Current - I F(AV) (A)
0
20
40
60
80
100
120
140
160
RthJC = 1.5°C/W
80 % Square Wave (D=0.50)
Rated VR applied
DC
IR WORLD HEADQUARTERS: 101 N, Sepulveda Blvd, El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 03/2014


Similar Part No. - JANS1N6660CAT1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6626 MICROSEMI-JANS1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6626US MICROSEMI-JANS1N6626US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6627 MICROSEMI-JANS1N6627 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6627US MICROSEMI-JANS1N6627US Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
JANS1N6628 MICROSEMI-JANS1N6628 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - JANS1N6660CAT1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
35CGQ150 IRF-35CGQ150 Datasheet
43Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ045C IRF-16YQ045C Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80SCLQ060 IRF-80SCLQ060 Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SYQ030C IRF-16SYQ030C Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150SCV IRF-12CGQ150SCV Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com