Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC270MS8G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC270MS8G
Description  GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC270MS8G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC270MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC270MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10
10 - 147
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Max RF Input Power, Vctl = -5V
+24 dBm
Control Voltage Range
+0.5 to -7.5 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC70MS8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H270
XXXX
HMC270MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H270
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC270MS8G / 270MS8GE
v04.0607
GaAs MMIC SPDT SWITCH
NON-REFLECTIVE, DC - 8 GHz
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.


Similar Part No. - HMC270MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G Datasheet
164Kb / 4P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G_07 Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G_08 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
More results

Similar Description - HMC270MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G_08 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
logo
Analog Devices
HMC270AMS8GE AD-HMC270AMS8GE Datasheet
504Kb / 5P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC -8 GHz
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com