Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC270MS8GETR Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC270MS8GETR
Description  GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC270MS8GETR Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC270MS8GETR Datasheet HTML 1Page - Hittite Microwave Corporation HMC270MS8GETR Datasheet HTML 2Page - Hittite Microwave Corporation HMC270MS8GETR Datasheet HTML 3Page - Hittite Microwave Corporation HMC270MS8GETR Datasheet HTML 4Page - Hittite Microwave Corporation HMC270MS8GETR Datasheet HTML 5Page - Hittite Microwave Corporation HMC270MS8GETR Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 144
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC270MS8G / 270MS8GE
GaAs MMIC SPDT SWITCH
NON-REFLECTIVE, DC - 8 GHz
v04.0607
General Description
Features
Functional Diagram
Broadband Performance: DC - 8 GHz
Very High Isolation: 45 dB @ 6 GHz
Non-Reflective Design
Low Cost MSOP-8 Package: 14.8 mm2
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm system
Typical Applications
The HMC270MS8G / HMC270MS8GE is ideal for
DC - 8.0 GHz applications:
• CATV
• MMDS & WirelessLAN
• Wireless Local Loop
The HMC270MS8G & HMC270MS8GE are broad-
band non-reflective GaAs SPDT switches in 8
lead MSOP grounded base surface mount plastic
packages. Covering DC to 8 GHz, the switch offers
excellent isolation from 70 to 35 dB. The negative
control voltage of -5 volts allows operation down
to DC. If positive control is required along with high
isolation, see the DC to 3.5 GHz HMC284MS8G non-
reflective SPDT.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
0.8
1.0
1.5
1.2
1.7
2.4
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
43
42
37
28
48
47
45
33
dB
dB
dB
dB
Return Loss
“On State”
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
11
9
7
14
12
10
dB
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
15
13
10
20
18
15
dB
dB
dB
Input Power for 1 dB Compression
0.5 - 8.0 GHz
20
23
dBm
Input third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.5 - 8.0 GHz
33
36
dBm
Switching Characteristics
DC - 8.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
20
50
ns
ns


Similar Part No. - HMC270MS8GETR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G Datasheet
164Kb / 4P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G_07 Datasheet
207Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G_08 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
More results

Similar Description - HMC270MS8GETR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G_08 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
logo
Analog Devices
HMC270AMS8GE AD-HMC270AMS8GE Datasheet
504Kb / 5P
   GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC -8 GHz
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com