Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8714GPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF8714GPBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8714GPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF8714GPBF Datasheet HTML 1Page - International Rectifier IRF8714GPBF Datasheet HTML 2Page - International Rectifier IRF8714GPBF Datasheet HTML 3Page - International Rectifier IRF8714GPBF Datasheet HTML 4Page - International Rectifier IRF8714GPBF Datasheet HTML 5Page - International Rectifier IRF8714GPBF Datasheet HTML 6Page - International Rectifier IRF8714GPBF Datasheet HTML 7Page - International Rectifier IRF8714GPBF Datasheet HTML 8Page - International Rectifier IRF8714GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF8714GPbF
6
www.irf.com
Fig 13. Maximum Avalanche Energy
vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 15. Gate Charge Test Circuit
1K
VCC
DUT
0
L
S
20K
Fig 14. Unclamped Inductive Test Circuit
and Waveform
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 16. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
3
4
5
6
7
8
9
10
11
12
VGS, Gate -to -Source Voltage (V)
5
10
15
20
25
ID = 14A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
0.82A
1.0A
BOTTOM 11A


Similar Part No. - IRF8714GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8714GPBF IRF-IRF8714GPBF Datasheet
254Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com